Electronic Components Datasheet Search
  English  ▼

X  

AP3902 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3902
Description  LOW POWER PWM SWITCH FOR OFF-LINE SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3902 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

  AP3902 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LOW POWER PWM SWITCH FOR OFF-LINE SMPS
AP3902
Data Sheet
7
BCD Semiconductor Manufacturing Limited
Sep. 2008 Rev. 1.0
Part Type
Designator
Part Type
Designator
Resistor, NTC Resistor, 5
Ω
R1
Capacitor, 10
μF/400V
C1, C2
Resistor, 2 M
Ω, 1206
R3
Capacitor, 2200pF
C3
Resistor, 68 k
Ω , 1206
R4
Capacitor, 10
μFC4, C5
Resistor, 3
Ω, 1206
R5
Capacitor, 22nF, 0805
C6
Resistor, 240
Ω, 0805
R6
Capacitor, 0.47
μF, 0805
C7
Resistor, 2k
Ω, 0805
R7
Electrolytic Capacitor, 1000
μFC8
Resistor, 5.1 M
Ω
R8
Electrolytic Capacitor, 220
μFC9
Resistor, 15
Ω, 1206
R11
Y Capacitor, 2200pF
C10
Resistor, 200
Ω, 0805
R13
Capacitor, 1nF, 0805
C11
Resistor, 12k
Ω, 0805
R14
AP3902, DIP-8
U1
Resistor, 4.7k
Ω, 0805
R15
AZ431, TO-92
U2
Resistor, 3.1k
Ω, 0805
R16
Opto-Coupler, PC817, DIP-4
U3
Diode, 1N4007, DO-41
D1 to D4
Inductor, 300
μH/0.3A
L2
Diode, 1N4148
D5, D6
Inductor, 10
μH/1A
L3
Diode, FR107, DO-15
D7
Transformer, EE-20
T1
Diode, 3100, DO-201
D8
Zener, 13V/1W
Z2
Typical Application
Figure 7. 12V/0.85A Off-Line Adapter Application Circuit
+
J1
AC 85-
264V
D1-D4
C1
U3
+
C2
+
C
VCC
GND
U1
AP3902
D6
R6
C4
C5
C6
R7
D5
R5
D7
C3
R4
L2
R1
T1
+
D8
L3
C8
C9
C10
Z2 Zener
J2
12V/0.85A
C11
C7
R15
R14
R16
U2
+
R11
B
R8
R3
VS
VA
R13



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com