Electronic Components Datasheet Search
  English  ▼

X  

AP3902 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3902
Description  LOW POWER PWM SWITCH FOR OFF-LINE SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3902 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3902 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LOW POWER PWM SWITCH FOR OFF-LINE SMPS
AP3902
Data Sheet
1
BCD Semiconductor Manufacturing Limited
Sep. 2008 Rev. 1.0
General Description
The AP3902 PWM power switch consists of a fixed-
frequency current-mode PWM controller and a high
voltage transistor. It is specifically designed for high
performance off-line switching power supplies or non-
isolated small household applications. Compared to
discrete MOSFET and PWM controller power supply
solutions, AP3902 solution offers advantages such as
fewer component numbers, smaller size, and lower
total cost.
In normal operation, the AP3902 features with a fixed
switching frequency. When the output power falls
below a given level, the circuits automatically switches
to a burst mode by skipping some switching cycles. In
case of failure modes like open loop, over voltage or
overload due to short circuit, the device switches into
auto restart mode which is controlled by the internal
protection unit.
This IC adopts frequency dithering technique to reduce
EMI.
The AP3902 is available in DIP-8 package.
Features
·
Built-in NPN Transistor with 700VCBO
·
Current Mode Control with Skip Cycle Capability
·
Low Operating Current: 0.45mA
·
Fixed Switching Frequency: 60kHz
·
Frequency Dithering for Low EMI
·
Short Circuit Protection
·
Open and Short Circuit Protection for Opto-
Coupler
·
Maximal Input Power less than 0.2W under no
Load
·
Output Power Range:
5W to 10W for Adapter with Outer Enclosure
5W to 13W for Open Frame Application
Applications
·
Induction Cooker
·
Set-Top Boxes/DVB
·
Adapters
·
Auxiliary Power Supplies
·
DVD
Figure 1. Package Type of AP3902
DIP-8


Similar Part No. - AP3902

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3917B DIODES-AP3917B Datasheet
689Kb / 2P
High-Voltage, Non-Isolated, Offline Switcher with Low Standby Power for Appliances and IoT Applications
AP3917B DIODES-AP3917B Datasheet
274Kb / 2P
Low Standby Power, High-Voltage, Non-Isolated Buck Power Switcher for Appliances and IoT
January 2025
AP3917C DIODES-AP3917C Datasheet
689Kb / 2P
High-Voltage, Non-Isolated, Offline Switcher with Low Standby Power for Appliances and IoT Applications
AP3917C DIODES-AP3917C Datasheet
274Kb / 2P
Low Standby Power, High-Voltage, Non-Isolated Buck Power Switcher for Appliances and IoT
January 2025
AP3917D DIODES-AP3917D Datasheet
689Kb / 2P
High-Voltage, Non-Isolated, Offline Switcher with Low Standby Power for Appliances and IoT Applications
More results

Similar Description - AP3902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP STMICROELECTRONICS-VIPER12ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100 Datasheet
139Kb / 2P
LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
logo
STMicroelectronics
VIPER22ADIP-E STMICROELECTRONICS-VIPER22ADIP-E Datasheet
304Kb / 20P
Low Power OFF-Line SMPS Primary Switcher
09-Feb-2006
logo
Infineon Technologies A...
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Orister Corporation
RS2012S ORISTER-RS2012S Datasheet
463Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com