Electronic Components Datasheet Search
  English  ▼

X  

SN75372 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75372
Description  DUAL MOSFET DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75372 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75372 Datasheet HTML 2Page - Texas Instruments SN75372 Datasheet HTML 3Page - Texas Instruments SN75372 Datasheet HTML 4Page - Texas Instruments SN75372 Datasheet HTML 5Page - Texas Instruments SN75372 Datasheet HTML 6Page - Texas Instruments SN75372 Datasheet HTML 7Page - Texas Instruments SN75372 Datasheet HTML 8Page - Texas Instruments SN75372 Datasheet HTML 9Page - Texas Instruments SN75372 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A – JULY 1986
3–6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
5
10
15
PROPAGATION DELAY TIME,
LOW-TO-HIGH-LEVEL OUTPUT
vs
VCC2 SUPPLY VOLTAGE
20
25
100
80
20
0
140
180
200
60
160
120
40
VCC2 – Supply Voltage – V
PROPAGATION DELAY TIME,
HIGH-TO-LOW-LEVEL OUTPUT
vs
VCC2 SUPPLY VOLTAGE
100
80
20
0
140
180
200
60
160
120
40
0
5
10
15
20
25
VCC2 – Supply Voltage – V
VCC1 = 5 V
RD = 10 Ω
TA = 25°C
See Figure 1
CL = 2000 pF
CL = 1000 pF
CL = 200 pF
CL = 390 pF
CL = 50 pF
VCC1 = 5 V
RD = 10 Ω
TA = 25°C
See Figure 1
CL = 4000 pF
CL = 2000 pF
CL = 1000 pF
CL = 390 pF
CL = 200 pF
CL = 50 pF
CL = 4000 pF
Figure 8
Figure 9
0
1000
2000
3000
4000
VCC1 = 5 V
VCC2 = 20 V
TA = 25°C
See Figure 1
100
80
20
0
140
180
200
60
160
120
40
PROPAGATION DELAY TIME,
LOW-TO-HIGH-LEVEL OUTPUT
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
RD = 10 Ω
RD = 0
RD = 24 Ω
100
80
20
0
140
180
200
60
160
120
40
0
1000
2000
3000
4000
CL – Load Capacitance – pF
VCC1 = 5 V
VCC2 = 20 V
TA = 25°C
See Figure 1
RD = 24 Ω
RD = 10 Ω
PROPAGATION DELAY TIME,
HIGH-TO-LOW-LEVEL OUTPUT
vs
LOAD CAPACITANCE
RD = 0
Figure 10
Figure 11
NOTE: For RD = 0, operation with CL > 2000 pF violates absolute maximum current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com