Electronic Components Datasheet Search
  English  ▼

X  

SN75372 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75372
Description  DUAL MOSFET DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75372 Datasheet(HTML) 4 Page - Texas Instruments

  SN75372 Datasheet HTML 1Page - Texas Instruments SN75372 Datasheet HTML 2Page - Texas Instruments SN75372 Datasheet HTML 3Page - Texas Instruments SN75372 Datasheet HTML 4Page - Texas Instruments SN75372 Datasheet HTML 5Page - Texas Instruments SN75372 Datasheet HTML 6Page - Texas Instruments SN75372 Datasheet HTML 7Page - Texas Instruments SN75372 Datasheet HTML 8Page - Texas Instruments SN75372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A – JULY 1986
3–4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
10%
5 V
2.4 V
VCC1
TEST CIRCUIT
Input
GND
VCC2
Pulse
Generator
(see Note A)
Output
CL = 390 pF
(see Note B)
20 V
RD
Input
Output
VOLTAGE WAVEFORMS
≤ 10 ns
90%
1.5 V
0.5
µs
tDHL
tTLH
VCC2 –3 V
2 V
0 V
VOH
≤ 10 ns
90%
1.5 V
10%
tPHL
tPHL
tDLH
tTHL
VCC2 –3V
2 V
VOL
3 V
NOTES: A. The pulse generator has the following characteristics: PRR = 1 MHz, ZO ≈ 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms, Each Driver
TYPICAL CHARACTERISTICS
–1
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
–10
–100
0.3
0.2
0.1
0
0
204060
0.4
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.5
80
100
VCC2 – 0.5
VCC2 –1
VCC2 – 1.5
VCC2 –2
VCC2 – 2.5
VCC2 –3
VCC1 = 5 V
VCC2 = 20 V
VI = 0.8 V
TA = 25°C
TA = 70°C
TA = 0°C
IOL – Low-Level Output Current – mA
VCC1 = 5 V
VCC2 = 20 V
VI = 2 V
TA = 70°C
TA = 0°C
IOH – High-Level Output Current – mA
VCC2
– 0.01
– 0.1
Figure 2
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com