Electronic Components Datasheet Search
  English  ▼

X  

SN75372 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75372
Description  DUAL MOSFET DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75372 Datasheet(HTML) 3 Page - Texas Instruments

  SN75372 Datasheet HTML 1Page - Texas Instruments SN75372 Datasheet HTML 2Page - Texas Instruments SN75372 Datasheet HTML 3Page - Texas Instruments SN75372 Datasheet HTML 4Page - Texas Instruments SN75372 Datasheet HTML 5Page - Texas Instruments SN75372 Datasheet HTML 6Page - Texas Instruments SN75372 Datasheet HTML 7Page - Texas Instruments SN75372 Datasheet HTML 8Page - Texas Instruments SN75372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A – JULY 1986
3–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of VCC1, VCC2, and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 12 mA
– 1.5
V
VOH
High level output voltage
VIL = 0.8 V,
IOH = – 50 µA
VCC2 – 1.3 VCC2 – 0.8
V
VOH
High-level output voltage
VIL = 0.8 V,
IOH = – 10 mA
VCC2 – 2.5 VCC2 – 1.8
V
VIH = 2 V,
IOL = 10 mA
0.15
0.3
VOL
Low-level output voltage
VCC2 = 15 V to 24 V,
IOL = 40 mA
VIH = 2 V,
0.25
0.5
V
VF
Output clamp diode forward voltage
VI =0
IF =20mA
15
V
VF
Output clamp-diode forward voltage
VI = 0,
IF = 20 mA
1.5
V
II
Input current at maximum input
VI =5 5V
1
mA
II
voltage
VI = 5.5 V
1
mA
IIH
High level input current
Any A
VI =2 4V
40
µA
IIH
High-level input current
Any E
VI = 2.4 V
80
µA
IIL
Low level input current
Any A
VI =0 4V
–1
– 1.6
mA
IIL
Low-level input current
Any E
VI = 0.4 V
–2
– 3.2
mA
ICC1(H)
Supply current from VCC1, both
outputs high
VCC1 = 5.25 V,
VCC2 = 24 V,
2
4
mA
ICC2(H)
Supply current from VCC2, both
outputs high
CC1
,
All inputs at 0 V,
CC2
,
No load
0.5
mA
ICC1(L)
Supply current from VCC1, both
outputs low
VCC1 = 5.25 V,
VCC2 = 24 V,
16
24
mA
ICC2(L)
Supply current from VCC2, both
outputs low
CC1
,
All inputs at 5 V,
CC2
,
No load
7
13
mA
ICC2(S)
Supply current from VCC2, standby
condition
VCC1 = 0,
All inputs at 5 V,
VCC2 = 24 V,
No load
0.5
mA
† All typical values are at VCC1 = 5 V, VCC2 = 20 V, and TA = 25°C.
switching characteristics, VCC1 = 5 V, VCC2 = 20 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDLH
Delay time, low-to-high-level output
20
35
ns
tDHL
Delay time, high-to-low-level output
10
20
ns
tTLH
Transition time, low-to-high-level output
CL = 390 pF
RD =10 Ω
See Figure 1
20
30
ns
tTHL
Transition time, high-to-low-level output
CL = 390 pF,
RD = 10 Ω,
See Figure 1
20
30
ns
tPLH
Propagation delay time, low-to-high-level output
10
40
65
ns
tPHL
Propagation delay time, high-to-low-level output
10
30
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com