Electronic Components Datasheet Search
  English  ▼

X  

SN75374 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75374
Description  QUADRUPLE MOSFET DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75374 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75374 Datasheet HTML 3Page - Texas Instruments SN75374 Datasheet HTML 4Page - Texas Instruments SN75374 Datasheet HTML 5Page - Texas Instruments SN75374 Datasheet HTML 6Page - Texas Instruments SN75374 Datasheet HTML 7Page - Texas Instruments SN75374 Datasheet HTML 8Page - Texas Instruments SN75374 Datasheet HTML 9Page - Texas Instruments SN75374 Datasheet HTML 10Page - Texas Instruments SN75374 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028 – SEPTEMBER 1988
3–7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
225
200
175
150
125
100
75
50
25
250
0
3000
2000
1000
4000
0
RD = 24 Ω
RD = 10 Ω
RD = 0
0
250
4000
0
1000
2000
3000
25
50
75
100
125
150
175
200
225
RD = 24 Ω
RD = 0
PROPAGATION DELAY TIME
LOW-TO-HIGH-LEVEL OUTPUT
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
PROPAGATION DELAY TIME
HIGH-TO-LOW-LEVEL OUTPUT
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
VCC1 = 5 V
VCC2 = 20 V
VCC3 = 24 V
TA = 25°C
See Figure 1
See Figure 1
TA = 25°C
VCC3 = 24 V
VCC2 = 20 V
VCC1 = 5 V
RD = 10 Ω
Figure 10
Figure 11
10
1000
0
400
600
800
1000
1200
1400
1600
1800
2000
20
40
70 100
200
400
200
f – Frequency – khz
POWER DISSIPATION (ALL DRIVERS)
vs
FREQUENCY
VCC1 = 5 V
VCC2 = 20 V
VCC3 = 24 V
Input: 3-V Square Wave
(50% duty cycle)
TA = 25°C
CL = 400 pF
CL = 600 pF
CL = 1000 pF
CL = 2000 pF
CL = 4000 pF
Figure 12
NOTE: For RD = 0, operation with CL > 2000 pF violates absolute maximum current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com