Electronic Components Datasheet Search
  English  ▼

X  

SN75374 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75374
Description  QUADRUPLE MOSFET DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75374 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75374 Datasheet HTML 5Page - Texas Instruments SN75374 Datasheet HTML 6Page - Texas Instruments SN75374 Datasheet HTML 7Page - Texas Instruments SN75374 Datasheet HTML 8Page - Texas Instruments SN75374 Datasheet HTML 9Page - Texas Instruments SN75374 Datasheet HTML 10Page - Texas Instruments SN75374 Datasheet HTML 11Page - Texas Instruments SN75374 Datasheet HTML 12Page - Texas Instruments SN75374 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028 – SEPTEMBER 1988
3–9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
PL, PH, PLH, and PHL are the respective instantaneous levels of power dissipation, C is the load capacitance.
VC is the voltage across the load capacitance during the charge cycle shown by the equation
VC = VOH – VOL
PS(AV) may be ignored for power calculations at low frequencies.
In the following power calculation, all four channels are operating under identical conditions: f = 0.2 MHz,
VOH = 19.9 V and VOL = 0.15 V with VCC1 = 5 V, VCC2 = 20 V, VCC3 = 24 V, VC = 19.75 V, C = 1000 pF, and the
duty cycle = 60%. At 0.2 MHz for CL < 2000 pF, PS(AV) is negligible and can be ignored. When the output voltage
is low, ICC2 is negligible and can be ignored.
On a per-channel basis using data sheet values,
P
DC(AV) +
(5 V) 4mA
4
) (20 V) * 2.2 mA
4
) (24 V) 2.2 mA
4
(0.6)
)
(5 V)
31 mA
4
) (20 V) 0mA
4
) (24 V) 16 mA
4
(0.4)
PDC(AV) = 58.2 mW per channel
Power during the charging time of the load capacitance is
PC(AV) = (1000 pF) (19.75 V)2 (0.2 MHz) = 78 mW per channel
Total power for each driver is
PT(AV) = 58.2 mW + 78 mW = 136.2 mW
The total package power is
PT(AV) = (136.2) (4) = 544.8 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com