Electronic Components Datasheet Search
  English  ▼

X  

SN75971BDGG Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75971BDGG
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75971BDGG Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75971BDGG Datasheet HTML 6Page - Texas Instruments SN75971BDGG Datasheet HTML 7Page - Texas Instruments SN75971BDGG Datasheet HTML 8Page - Texas Instruments SN75971BDGG Datasheet HTML 9Page - Texas Instruments SN75971BDGG Datasheet HTML 10Page - Texas Instruments SN75971BDGG Datasheet HTML 11Page - Texas Instruments SN75971BDGG Datasheet HTML 12Page - Texas Instruments SN75971BDGG Datasheet HTML 13Page - Texas Instruments SN75971BDGG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN75971B
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS322A – NOVEMBER 1999 – REVISED JANUARY 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Input (see Note A)
BDBn –
Output
15 pF
(see Note B)
ADBn –
VOH
~ 2.5 V
VOL
ten
td
td
tdis
3 V
1.5 V
0 V
Input
Output
0.5 V
t0
BDBn +
1.5 V
1.5 V
t0
or
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 45% < duty cycle < 50%, tr ≤ 1 ns,
tf ≤ 1 ns, ZO =50 Ω.
B. CL includes probe and jig capacitance.
C. Resistance values are in ohms with a tolerance of
± 5%.
D. All input voltage levels are held to within 0.01 V.
Figure 5. B to A Propagation Delay Time Test Circuit
td3
td4
ten2
tdis2
SDB
DSENS
RESET
BDBn –
DRVBUS
ADBn –
Figure 6. B to A Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com