Electronic Components Datasheet Search
  English  ▼

X  

SN75971BDGG Datasheet(PDF) 12 Page - Texas Instruments

Part # SN75971BDGG
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75971BDGG Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN75971BDGG Datasheet HTML 7Page - Texas Instruments SN75971BDGG Datasheet HTML 8Page - Texas Instruments SN75971BDGG Datasheet HTML 9Page - Texas Instruments SN75971BDGG Datasheet HTML 10Page - Texas Instruments SN75971BDGG Datasheet HTML 11Page - Texas Instruments SN75971BDGG Datasheet HTML 12Page - Texas Instruments SN75971BDGG Datasheet HTML 13Page - Texas Instruments SN75971BDGG Datasheet HTML 14Page - Texas Instruments SN75971BDGG Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SN75971B
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS322A – NOVEMBER 1999 – REVISED JANUARY 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
SN75970B
DIFFSENS
6
±BSY
±SEL
±RST
8
±I/O
±MSG
±C/D
±REQ
4
±ATN
±ACK
TEST
CLK 40
(see Note A)
– BSY, – SEL, – I/O, – MSG,
– C/D, – REQ, – ATN, – ACK
8
– RST
RSTFLTR
RESET
(from system)
X1/CLK20
X2
Optional
(see Note B)
VCC
0.022
µF
205 k
Ω
SCSI
Controller
2
16
8
2
16
8
±DB(7–0)
±DBP(0)
±DB(15–8)
±DBP(1)
DIFFSENS
DIFFSENS
– DB(7 – 0)
– DBP(0)
RESET
– DB(15 – 8)
– DBP(1)
RESET
SN75971B
DRVBUS
SDB
TIMEOUT
20 k
Ω
0.1
µF
RESET
20 MHz
(see Note A)
BDBn
BDBP
DSENS
ADBn
ADBP–
RESET
SN75971B
BDBn
BDBP
DSENS
ADBn
ADBP–
RESET
DRVBUS
SDB
NOTES: A. When using the 40-MHz clock input, X1 must be connected to VCC.
B. The oscillator cell of the SN75970B is for a series-resonant crystal and requires approximately 10 pF (including fixture
capacitance) from X1 and X2 to ground in order to function.
Figure 8. Typical Application of the SN75970B and SN75971B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com