Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS171 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS171
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS171 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN75ALS171 Datasheet HTML 11Page - Texas Instruments SN75ALS171 Datasheet HTML 12Page - Texas Instruments SN75ALS171 Datasheet HTML 13Page - Texas Instruments SN75ALS171 Datasheet HTML 14Page - Texas Instruments SN75ALS171 Datasheet HTML 15Page - Texas Instruments SN75ALS171 Datasheet HTML 16Page - Texas Instruments SN75ALS171 Datasheet HTML 17Page - Texas Instruments SN75ALS171 Datasheet HTML 18Page - Texas Instruments SN75ALS171 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
SN75ALS171, SN75ALS171A
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SLLS056D – AUGUST 1987 – REVISED SEPTEMBER 1995
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
2
1
0
0
–10
– 20
– 30
3
4
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
– 40
– 50
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
IOH – High-Level Output Current – mA
VID = 0.3 V
TA = 25°C
4.5
3.5
2.5
1.5
0.5
Figure 15
2
0
– 40
– 20
0
20
40
60
80
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5
100
120
4
3
1
TA – Free-Air Temperature – °C
VCC = 5 V
VID = 300 mV
IOH = – 440 µA
4.5
3.5
2.5
1.5
0.5
Figure 16
0.3
0.2
0.1
0
05
10
0.4
0.5
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.6
15
20
25
30
IOL – Low-Level Output Current – mA
VCC = 5 V
TA = 25°C
VID = – 300 mV
Figure 17
0.3
0.2
0.1
0
– 40
– 20
0
20
40
60
0.4
0.5
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
0.6
80
100
120
TA – Free-Air Temperature – °C
VCC = 5 V
VID = – 300 mA
IOL = 8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com