Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS171 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS171
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS171 Datasheet(HTML) 2 Page - Texas Instruments

  SN75ALS171 Datasheet HTML 1Page - Texas Instruments SN75ALS171 Datasheet HTML 2Page - Texas Instruments SN75ALS171 Datasheet HTML 3Page - Texas Instruments SN75ALS171 Datasheet HTML 4Page - Texas Instruments SN75ALS171 Datasheet HTML 5Page - Texas Instruments SN75ALS171 Datasheet HTML 6Page - Texas Instruments SN75ALS171 Datasheet HTML 7Page - Texas Instruments SN75ALS171 Datasheet HTML 8Page - Texas Instruments SN75ALS171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SN75ALS171, SN75ALS171A
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SLLS056D – AUGUST 1987 – REVISED SEPTEMBER 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Function Tables
EACH DRIVER
INPUT
ENABLES
OUTPUTS
D
DE
CDE
A
B
H
H
H
H
L
L
H
HL
H
X
L
XZ
Z
X
X
L
Z
Z
EACH RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A–B
RE
R
VID ≥ 0.3 V
L
H
– 0.3 V < VID < 0.3 V
L
?
VID ≤ – 0.3 V
L
L
X
H
Z
Open
L
H
H = high level, L = low level, ? = indeterminate, X = irrelevant,
Z = high impedance (off)
AVAILABLE OPTIONS
SKEW LIMIT
PART NUMBER
10 ns
SN75ALS171DW
SN75ALS171J
5 ns
SN75ALS171ADW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com