Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS171 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS171
Description  TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS171 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN75ALS171 Datasheet HTML 11Page - Texas Instruments SN75ALS171 Datasheet HTML 12Page - Texas Instruments SN75ALS171 Datasheet HTML 13Page - Texas Instruments SN75ALS171 Datasheet HTML 14Page - Texas Instruments SN75ALS171 Datasheet HTML 15Page - Texas Instruments SN75ALS171 Datasheet HTML 16Page - Texas Instruments SN75ALS171 Datasheet HTML 17Page - Texas Instruments SN75ALS171 Datasheet HTML 18Page - Texas Instruments SN75ALS171 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
SN75ALS171, SN75ALS171A
TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SLLS056D – AUGUST 1987 – REVISED SEPTEMBER 1995
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Transceivers
Up to 32
1/3 SN75ALS170
See Note A
1/3 SN75ALS170
•••
NOTE A: The line should be terminated at both ends in its characteristic impedance. Stub lengths off the main line should be kept as short
as possible.
Figure 20. Typical Application Circuit
330
Ω
150
Ω
330
Ω
4 V to 5.25 V
Transceivers
Up to 16
4 V to 5.25 V
330
Ω
150
Ω
330
Ω
•••
Figure 21. Typical Differential SCSI Application CIrcuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com