Electronic Components Datasheet Search
  English  ▼

X  

MOC8021 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # MOC8021
Description  NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

MOC8021 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  MOC8021 Datasheet HTML 1Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 2Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 3Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 4Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
28/3/03
DB92152m-AAS/A5
NON BASE LEAD
OPTICALLY COUPLED ISOLATOR
PHOTODARLINGTON OUTPUT
APPROVALS
l
UL recognised, File No. E91231
'X'SPECIFICATIONAPPROVALS
l
l
VDE 0884 in 3 available lead form : -
- STD
- G form
- SMD approved to CECC 00802
DESCRIPTION
The MOC8020, MOC8021 series of optically
coupled isolators consist of an infrared light
emitting diode and NPN silicon photodarlington
in a standard 6pin dual in line plastic package
with the base pin unconnected.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Current Transfer Ratio (500% min)
l
BVceo35V
l
HighIsolationVoltage(5.3kV
RMS,7.5kVPK )
l
Base pin unconnected for improved noise
immunity in high EMI environment
l
High sensitivity to low input drive current
l
Custom electrical selections available
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Measuring instruments
l
Signal transmission between systems of
different potentials and impedances
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-40°C to + 125°C
Operating Temperature
-25°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
35V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
170mW
(derate linearly 3.3mW/°C above 25°C)
0.26
0.5
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
7.62
6.62
0.5
1
3
4
6
2
5
Dimensions in mm
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
10.46
9.86
0.6
0.1
1.25
0.75
MOC8020, MOC8021


Similar Part No. - MOC8021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8021 MOTOROLA-MOC8021 Datasheet
271Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
Fairchild Semiconductor
MOC8021 FAIRCHILD-MOC8021 Datasheet
66Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
Vishay Siliconix
MOC8021 VISHAY-MOC8021 Datasheet
115Kb / 6P
Optocoupler, Photodarlington Output, High Gain
26-Oct-04
logo
Fairchild Semiconductor
MOC8021 FAIRCHILD-MOC8021 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8021M FAIRCHILD-MOC8021M Datasheet
259Kb / 9P
Photodarlington Optocoupler (No Base Connection)
More results

Similar Description - MOC8021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS205 ETC-IS205 Datasheet
45Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
MOC8101X ISOCOM-MOC8101X Datasheet
82Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8111X ISOCOM-MOC8111X Datasheet
90Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N29 ISOCOM-4N29 Datasheet
343Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL119 ISOCOM-TIL119 Datasheet
363Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8106X ISOCOM-MOC8106X Datasheet
71Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ISOCOM-ISPD60_10 Datasheet
625Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8030 ISOCOM-MOC8030 Datasheet
65Kb / 2P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com