Electronic Components Datasheet Search
  English  ▼

X  

MOC8021 Datasheet(PDF) 4 Page - ISOCOM COMPONENTS

Part # MOC8021
Description  NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

MOC8021 Datasheet(HTML) 4 Page - ISOCOM COMPONENTS

  MOC8021 Datasheet HTML 1Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 2Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 3Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 4Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
28/03/03
DB92152m-AAS/A5
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage
Fig.9 Collector Dark Current vs.
Ambient Temperature
Fig.10 Response Time vs. Load
vs. Ambient Temperature
0
I = 1mA
V
= 2V
CE
F
F
Ic= 5mA
I = 20mA
10
10
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
100
1.0
100
80
60
40
20
1
0.1
2
5
10
2
5
10
2
5
10
2
5
O
O
O
Resistance
0.01
-20
1
Frequency f (kHz)
0.1
100
Fig.11 Frequency Response
80
60
40
20
0.8
0.6
0.4
0.2
V
= 10V
CE
0.10
1.00
10.00
Load resistance RL (k )
0
2
3
VCE=2V
IC=10mA
0
-10
VCE=2V
IC=2mA
10
RL=10k
1k
100
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
Output
Input
Output
Vcc
td
tr
tf
ts
90%
10%
Output
Vcc
tf
tr
td
ts
20
0.00
1.00
100
40
60
80
0.80
0.60
0.40
0.20
RL
RD
RD
RL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com