Electronic Components Datasheet Search
  English  ▼

X  

MOC8021 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # MOC8021
Description  NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

MOC8021 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  MOC8021 Datasheet HTML 1Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 2Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 3Page - ISOCOM COMPONENTS MOC8021 Datasheet HTML 4Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
28/03/03
DB92152m-AAS/A5
Fig.1 Forward Current vs.
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs. Forward
0
-25
Collector-emitter Voltage
Fig.6 Collector Current vs.
Current
Fig.3 Current Transfer Ratio vs. Forward
Forward current IF (mA)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
125
60
0
50
100
150
200
0
0
12
3
4
5
0.1
0
110
0
0
60
Ambient Temperature
o
Voltage
IF=5mA
1mA
VCE=2V
3500
50
40
30
20
10
48
10
6
2
2mA
100
80
60
40
20
3000
2500
2000
1500
1000
500
10
30
50
70
90
0.5
1
100
10
1.9
1.3
Forward voltage (V)
0.9
0.7
1.1
1.5
1.7
60 C
100 C
80 C
o
o
o
o
40 C
o
20 C
100
75
50
25
0
-25
0
50
25
75
100
125
Fig.5 Collector Current vs.
Collector-emitter Voltage
Collector-emitter voltage Vce (V)
Collector-emitter voltage Vce (V)
50
40
30
20
10
IF=1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
0.1mA
o
PC(MAX.)
PC(MAX.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com