Electronic Components Datasheet Search
  English  ▼

X  

CTRJG Datasheet(PDF) 7 Page - Central Technologies

Part # CTRJG
Description  Integrated RJ45 Magnetic Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJG Datasheet(HTML) 7 Page - Central Technologies

Back Button CTRJG Datasheet HTML 3Page - Central Technologies CTRJG Datasheet HTML 4Page - Central Technologies CTRJG Datasheet HTML 5Page - Central Technologies CTRJG Datasheet HTML 6Page - Central Technologies CTRJG Datasheet HTML 7Page - Central Technologies CTRJG Datasheet HTML 8Page - Central Technologies CTRJG Datasheet HTML 9Page - Central Technologies CTRJG Datasheet HTML 10Page - Central Technologies CTRJG Datasheet HTML 11Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
MECHANICAL
16.40
J1
J8
25.80
(6.50)
3.05
10.80
6.35
EMI Fingers
Right LED
Left LED
0.50x0.50
0.35x0.40
17.16
11.43
15.74
10.92
5.84
2.54
2.54
2.54
1.27
Ø1.02 x4
Ø0.89 x10
Ø1.63 x2
Ø3.18 x2
P1
P2
P10
P9
P13
P11
P14
P12
Suggested PCB Pad Layout
Component Side View
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
13.72
CTRJG Series
CTRJG26S1xxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com