Electronic Components Datasheet Search
  English  ▼

X  

CTRJG Datasheet(PDF) 20 Page - Central Technologies

Part # CTRJG
Description  Integrated RJ45 Magnetic Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJG Datasheet(HTML) 20 Page - Central Technologies

Back Button CTRJG Datasheet HTML 12Page - Central Technologies CTRJG Datasheet HTML 13Page - Central Technologies CTRJG Datasheet HTML 14Page - Central Technologies CTRJG Datasheet HTML 15Page - Central Technologies CTRJG Datasheet HTML 16Page - Central Technologies CTRJG Datasheet HTML 17Page - Central Technologies CTRJG Datasheet HTML 18Page - Central Technologies CTRJG Datasheet HTML 19Page - Central Technologies CTRJG Datasheet HTML 20Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
MECHANICAL
115.06
J8
J1
J8
J1
J8
J1
J8
J1
J1
J8
J1
J8
J1
J8
J1
J8
Port 16
Port 15
Port 2
Port 1
NO TRACE ZONE
PANEL CUT OUT
116.10
23
45
67
8
P1
P1
P9
P9
P1
P1
P9
P9
P11 P12
P12 P11
P11 P12
P12 P11
J8
J1
J8
J1
J8
J1
J8
J1
J1
J8
J1
J8
J1
J8
J1
J8
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
Suggested PCB Pad Layout
Component Side View
109.22
13.97
1.27
1.27
2.79
2.42
2.79
910
11
12
13
14
15
16
P2
P10
P2
P10
Ø3.2 x2
Ø1.58 x4
Ø1.02 x32
13.97
0.38
1.79
2.54
2.54
Ø0.89 x160
6.60
(116.86)
LED lower port
LED upper port
Port 1
4.06
P12 P11
P11 P12
P11 P12
P12 P11
P11 P12
P12 P11
P12 P11
P11 P12
P12 P11
P11 P12
P11 P12
P12 P11
0.3x0.5
0.5x0.5
30.60
18.47
10.80
4.57
11.43
15.49
0.15
CTRJG Series
CTRJG31D8xxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com