Electronic Components Datasheet Search
  English  ▼

X  

CTRJG Datasheet(PDF) 11 Page - Central Technologies

Part # CTRJG
Description  Integrated RJ45 Magnetic Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJG Datasheet(HTML) 11 Page - Central Technologies

Back Button CTRJG Datasheet HTML 7Page - Central Technologies CTRJG Datasheet HTML 8Page - Central Technologies CTRJG Datasheet HTML 9Page - Central Technologies CTRJG Datasheet HTML 10Page - Central Technologies CTRJG Datasheet HTML 11Page - Central Technologies CTRJG Datasheet HTML 12Page - Central Technologies CTRJG Datasheet HTML 13Page - Central Technologies CTRJG Datasheet HTML 14Page - Central Technologies CTRJG Datasheet HTML 15Page - Central Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.06.07
MECHANICAL
Suggested PCB Pad Layout
Component Side View
EMI Fingers
Ø1.02 x32
Ø0.89 x80
Ø1.58 x9
Ø3.20 x2
0.50x0.50
0.30x0.40
P12
P11
P1
A
1A
1A
1
1H
1B
1C
1D
1E
1F
1G
Port H
EMI Fingers
Right LED
Left LED
Port A
J1
J8
J1
1
J
8
J1
J
8
J1
J
8
J1
J
8
J1
J
8
J1
J
8
JJ8
25.89
10.85
3.05
6.36
115.06
83.82
97.79
114.81
P9
P2
P10
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P12
P11
P14
P13
P1
P9
P2
P10
109.22
114.81
12.07
13.97
13.97
13.97
13.97
13.97
13.97
2.54
1.27
95.89
13.34x2
2.80
NOTES : 1. Tolerance : PCB ±0.05mm
Connecetor ±0.25mm
2. Connector dimensions comply with FCC 68.5 dimension requirements
14.47
13.11x6
115.63
PANEL CUTOUT
0.86
CTRJG Series
CTRJG26S8xxxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com