Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC970A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75LBC970A
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC970A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LBC970A Datasheet HTML 4Page - Texas Instruments SN75LBC970A Datasheet HTML 5Page - Texas Instruments SN75LBC970A Datasheet HTML 6Page - Texas Instruments SN75LBC970A Datasheet HTML 7Page - Texas Instruments SN75LBC970A Datasheet HTML 8Page - Texas Instruments SN75LBC970A Datasheet HTML 9Page - Texas Instruments SN75LBC970A Datasheet HTML 10Page - Texas Instruments SN75LBC970A Datasheet HTML 11Page - Texas Instruments SN75LBC970A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
AATN –
AC/D –
BATN
±
BC/D
±
See Figure 3
76
26 6
td1 td2
Delay time, A to B,
high- to low-level or
AI/O –
AMSG –
BI/O
±
BMSG
±
See Figure 3
7.6
26.6
ns
td1, td2
high- to low-level or
low- to high-level output
AACK
BACK
±
8.5
25.3
ns
g
AACK –
AREQ –
BACK
±
BREQ
±
VCC = 5 V, TA = 25°C
10
18
AREQ –
BREQ
±
VCC = 5 V, TA = 70°C
12.5
20.5
tsk(lim)
Skew limit
AACK –
BACK
±
See Note 4
8
ns
tsk(p)
Pulse skew
AREQ –
BREQ
±
See Note 5
6
ns
td3 td4
Delay time, B to A,
high- to low-level or
BATN
±
BC/D
±
BI/O
±
BMSG
±
AATN –
AC/D –
AI/O –
AMSG –
See Figure 4
21.5
36.2
ns
td3, td4
high- to low-level or
low- to high-level output
BACK
±
AACK
21.5
36.2
ns
g
BACK
±
BREQ
±
AACK –
AREQ –
VCC = 5 V, TA = 25°C
23.6
32.6
BREQ
±
AREQ –
VCC = 5 V, TA = 70°C
24.4
33.4
tsk(lim)
Skew limit
BACK
±
AACK –
See Note 4
9
ns
tsk(p)
Pulse skew
BREQ
±
AREQ –
See Note 5
6
ns
tPHL
Delay time, high- to low-level
TIMEOUT
DRVBUS
See Figure 5
200
ns
tPLH
Delay time, low- to high-level
TIMEOUT
DRVBUS
See Figure 5
200
ns
ABSY –
BBSY
±
200
tdis
Disable time
ARST –
BRST
±
See Figure 6
200
ns
ASEL –
BSEL
±
200
ABSY –
BBSY
±
40
ten
Enable time
ARST –
BRST
±
See Figure 6
55
ns
ASEL –
BSEL
±
39
tdis1
Disable time
BRST
±
ARST –
93
ns
tdis2
Disable time
BSEL
±
ASEL –
55
ns
tdis3
Disable time
BBSY
±
ABSY –
60
ns
ten1
Enable time
BRST
±
ARST –
See Figure 7
63
ns
ten2
Enable time
BSEL
±
ASEL –
45
ns
ten3
Enable time
BBSY
±
ABSY –
45
ns
ten4
Enable time
BSEL
±
ASEL –
92
ns
† All typical values are at VCC = 5 V, TA = 25 °C.
NOTES:
4. This parameter is applicable at one VCC and operating temperature within the recommended operating conditions and to any two
devices.
5. Pulse skew is the difference between the high-to-low and low-to-high propagation delay times of any single channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com