Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC970A Datasheet(PDF) 15 Page - Texas Instruments

Part # SN75LBC970A
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC970A Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN75LBC970A Datasheet HTML 11Page - Texas Instruments SN75LBC970A Datasheet HTML 12Page - Texas Instruments SN75LBC970A Datasheet HTML 13Page - Texas Instruments SN75LBC970A Datasheet HTML 14Page - Texas Instruments SN75LBC970A Datasheet HTML 15Page - Texas Instruments SN75LBC970A Datasheet HTML 16Page - Texas Instruments SN75LBC970A Datasheet HTML 17Page - Texas Instruments SN75LBC970A Datasheet HTML 18Page - Texas Instruments SN75LBC970A Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Enable ABSY and ASEL
400 ns of
BBSY = BSEL = 0?
RESET
Enable ABSY and BBSY
Set DSEL_LATCH to BSEL
Set RESEL_LATCH to AI/O
NO
YES
TIMEOUT?
YES
NO
ASEL or
(DSEL_LATCH and
BSEL)?
BBSY?
NO
NO
YES
YES
Set RESEL_LATCH to AI/O
DSEL_LATCH = 1?
NO
Enable A Side
400 ns of
BBSY = 0?
ABSY = 1 And
BBSY = 0?
NO
NO
ASEL = 1?
Enable B Side
400 ns of
ABSY = 0?
YES
YES
NO
YES
NO
YES
A
RESET
Bus Free
State
SCSI
Arbitration
State
Select 1
State
YES
Continued on Figure 9
SCSI Bus Free Condition
Select 2 State
Figure 8. Bus Free, SCSI Arbitration, and Select 1 State Flow Chart
The second latch captures the state of AI/O. This is true during a reselection phase but not during the selection phase.
When the bus is in the selection or reselection phase, the controller enters the select 1 state. There are three possible
flows depending on bus events. The first flow is that the SCSI controller on the A side won the arbitration and asserted
ASEL. In this event DSEL_LATCH would not be set. The controller passes all signals to the B side and waits for ABSY
to deassert for 400 ns, indicating that the A side controller is selecting or reselecting a device on the B side. The object
of the A side controller must be on the B side since only one device is allowed on the A side.
The second possible flow is that DSEL_LATCH is set, indicating that the arbitration winner is on the B side, and the
winner is selecting or reselecting the device on the A side. The controller passes all signals to the A side and waits
for BBSY to deassert for 400 ns. When the A side controller responds by asserting ABSY, the controller detects ABSY
asserted and BBSY deasserts and goes to the select 2 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com