Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC970A Datasheet(PDF) 18 Page - Texas Instruments

Part # SN75LBC970A
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC970A Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN75LBC970A Datasheet HTML 12Page - Texas Instruments SN75LBC970A Datasheet HTML 13Page - Texas Instruments SN75LBC970A Datasheet HTML 14Page - Texas Instruments SN75LBC970A Datasheet HTML 15Page - Texas Instruments SN75LBC970A Datasheet HTML 16Page - Texas Instruments SN75LBC970A Datasheet HTML 17Page - Texas Instruments SN75LBC970A Datasheet HTML 18Page - Texas Instruments SN75LBC970A Datasheet HTML 19Page - Texas Instruments SN75LBC970A Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The SCSI bus signal RST does not directly clear SDCC internal logic. Instead, the RSTFLTR terminal can be
connected as ARST – so that a bus reset clears SDCC. RSTFLTR clears the internal controller but does not clear the
RST bidirectional latch. By connecting these terminals externally through a RC filter as shown in Figure 8, noise
pulses on the bus may be filtered as recommended by the SCSI-2 specification.
SN75LBC970A
3
DSENS
6
±BSY
±SEL
±RST
8
±I/O
±MSG
±C/D
±REQ
4
±ATN
±ACK
7
4
Test
CLK40
(see Note A)
SCSI Controller
– BSY
– SEL
– I/O
– MSG
– C/D
– REQ
–ATN
– ACK
8
– RST
1
2
RESET
(From System)
VCC
TIMEOUT
55
0.022
µF
205 k
Ω
RSTFLTR
RESET
X1/CLK20
X2
DRVBUS
SDB
SN75LBC971A
16
2
8
– DB(7 – 0)
– DBP(0)
RESET
±DB(7–0)
±DBP(0)
DIFFSENS
SN75LBC971A
16
2
8
– DB(15 – 8)
– DBP(1)
RESET
±DB(15–8)
±DBP(1)
DIFFSENS
20 k
Ω
0.1 pF
BBSY
±
BSEL
±
RST
±
DIFFSENS
BI/O
±
B MSG
±
BC/D
±
BREQ
±
BATN
±
BACK
±
A BSY–
ASEL–
AI/O–
AMSG–
AC/D–
AREQ–
AATN–
AACK–
ARST –
20 MHz
(See Note A)
Optional
(See Note B)
DRVBUS
SDB
NOTES: A. When using the 40 MHz clock input, X1 must be connected to VCC.
B. The oscillator cell of the SN75LBC970A is for a series-resonant crystal and needs approximately
10 pF (including fixture capacitance) from X1 and X2 to ground in order to function.
Figure 10. Typical Application of the SN75LBC970A and SN75LBC971A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com