Electronic Components Datasheet Search
  English  ▼

X  

TC254P Datasheet(PDF) 14 Page - Texas Instruments

Part # TC254P
Description  336- 횞 244-pixel ccd image sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC254P Datasheet(HTML) 14 Page - Texas Instruments

Back Button TC254P Datasheet HTML 8Page - Texas Instruments TC254P Datasheet HTML 9Page - Texas Instruments TC254P Datasheet HTML 10Page - Texas Instruments TC254P Datasheet HTML 11Page - Texas Instruments TC254P Datasheet HTML 12Page - Texas Instruments TC254P Datasheet HTML 13Page - Texas Instruments TC254P Datasheet HTML 14Page - Texas Instruments TC254P Datasheet HTML 15Page - Texas Instruments TC254P Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TC254P
336-
× 244-PIXEL CCD IMAGE SENSOR
SOCS060B – JUNE 1997 – REVISED JULY 1998
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
IAG1
SAG
SRG
IAG2
ADB
SUB
OUT
TC254P
ABG
8
7
6
5
1
2
3
4
VIA, VSM, VS
12 V
DC VOLTAGES
TMC57750
44
43
42
41
40
39
38
37
36
35
34
54
55
56
57
58
59
60
61
62
63
64
27
26
25
24
23
22
21
20
19
18
17
5
6
7
8
9
10
11
12
13
14
15
28
29
30
31
45 46 47 48
43
2
1
53
52
51
50
ED
DSSEL
PHSEL1
SHTCOM
EU
TEST4
CBLK
CSYNC
GND
CPOB1
CPOB2
SSEL1
VCC
SSEL2
SSEL3
VR
HR
FSSEL
ABGSEL
ABG
ABM
VCC
IAG1
IAG2
SAG
GND
SRG
SRM
DLSEL
PHSEL2
32
VACT
16
49
SRGSEL
33
WIN
VCC
CPOB1
CSYNC
CBLK
EU
ED
VCC
S/H
CDS
VCC
OUT
5 V
GND
VCC
25 MHz
VCC
VCC
GND
EN
VAB
1
2
3
4
5
6
7
8
9
10
11
12
ABIN
ABMIN
IA1IN
IA2IN
SAIN
SRIN
SRMIN
GND
24
23
22
21
20
19
18
17
16
15
14
13
ABOUT
VABL
GND
VABM
IA1OUT
VIA
IA2OUT
GND
SAOUT
VS
SROUT
VSM
VAB
VCC
TMC57253
VABM
ADB
SUB
VIA
VS
VSM
Buffer
and
Preamp
VCC
5 V
ADB
22 V
SUB
10 V
VABM
7.5 V
VCC
To Video Processing
VAB
VABL
14 V
3 V
VABL
(see Note B)
Figure 9. Typical Application Circuit Diagram
NOTES: A. Decoupling capacitors are not shown.
B. TI recommends designing AC coupled systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com