Electronic Components Datasheet Search
  English  ▼

X  

85372 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 85372
Description  Low Profi le Cable Connector Front I/O - EMI proof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

85372 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  85372 Datasheet HTML 1Page - Molex Electronics Ltd. 85372 Datasheet HTML 2Page - Molex Electronics Ltd. 85372 Datasheet HTML 3Page - Molex Electronics Ltd. 85372 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.00 mm (.079") Pitch
EMILY™
Low Profile Cable Connector
Front I/O – EMI proof
85372
EMILY™ Signal
Cable Assemblies
APPLICATIONS
■ Low profile, for use with 15 mm front-panel
■ 2.00 mmi2.00 mm grid spacing
■ Complete connector family including Signal,
Hybrid and Power
■ Full EMI shielding by rugged diecast housing
■ Polarized mating face
■ Cable outlet up- or down-wards
Features and Benefits
Low Profile EMILY™ Front I/O Connector System combines SMT Pick & Place Board Connectors
with shallow positive lock Cable Connectors
EMILY™ connectors were designed in cooperation with a major telecom equipment manufacturer. The
requirement was to combine Signal (6 i 622 Mbps or 4 i 1.2 Mbps), Hybrid (4 controls plus 2 i 5 A), and
Power (2 i 25 A) requirements in one connector system which allows fully automated production of daughter
cards (SMT Pick & Place) in a high density shelf system with 15 mm board-to-board spacing. Board connectors
come in tape & reel packaging for fully automated production. Cable connectors use fully EMI proof die casted
shells with a positive latching system for easy installation.
■ Base Stations
■ Switching equipment
■ Box-to-Box high speed links
■ DC Power supplies
■ Fan units
■ Latching device for secure mating
■ Unlock without tool
■ Data rates up to 622 Mbps
■ Cable pull is secured by locking system to front
panel; no stress on solder joints
■ Accommodates STP (Shielded Twisted-Pair) Cable,
AWG 30
■ Standard cable impedances ranging from 100 Ω
to 120 Ω
■ Industrial Controls
■ Sensors & Motion Devices
■ Medial Equipment


Similar Part No. - 85372

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8537200000 WEIDMULLER-8537200000 Datasheet
1Mb / 17P
Weidmuller interface units
8537240000 WEIDMULLER-8537240000 Datasheet
1Mb / 17P
Weidmuller interface units
8537250000 WEIDMULLER-8537250000 Datasheet
1Mb / 17P
Weidmuller interface units
8537260000 WEIDMULLER-8537260000 Datasheet
1Mb / 17P
Weidmuller interface units
More results

Similar Description - 85372

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85349-0006 MOLEX-85349-0006 Datasheet
205Kb / 2P
Low Profi le SMT Connector Front I/O - EMI proof
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
Single Output Low Profi le Power Supplies
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
Low profi le provides compatibility with DIPs
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
11 mm Low Profi le Encoder
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
Low Profi le Slide Potentiometer
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
PTE Series Low Profi le Slide Potentiometer
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
Chassis mounting applications, low profi le
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
High Current, Low Profi le for Inverter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com