Electronic Components Datasheet Search
  English  ▼

X  

85372 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 85372
Description  Low Profi le Cable Connector Front I/O - EMI proof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

85372 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  85372 Datasheet HTML 1Page - Molex Electronics Ltd. 85372 Datasheet HTML 2Page - Molex Electronics Ltd. 85372 Datasheet HTML 3Page - Molex Electronics Ltd. 85372 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.00 mm (.079") Pitch
EMILY™
Low Profile Cable Connector
Front I/O – EMI proof
85372
EMILY™ Signal
Cable Assemblies
ORDERING INFORMATION AND DIMENSIONS
Reference Information
Product Specification: PS 85372-001
Packaging: bag/box
Mates with: 85349
Designed in: Millimeters
Electrical
Voltage: 30 Vrms
Current: 0.5 A/contact
Contact Resistance: 35 milliohms max/contact
Dielectric Withstanding Voltage: 500 Vrms
Insulation Resistance: 5000 Megaohms min.
Mechanical
Wire Pull-Out Force: 100 N min
Mating Force: 0.6 N max/contact
Unmating Force locked: >120 N
Unmating Force: 0.1 N min/contact
Durability: 200 cycles
Physical
Housing: glass-filled Liquid Crystal
Polymer, UL 94V-0
Contact: CuSn Alloy
Plating: Selective Gold plating 0.76 µm min.
Operating Temperature: –20 to +85 °C
max. Operating Temperature: –20 °C to +70 °C
Circuits
Loaded Contacts
No. of Signals
Order No.
Decription
12
12
6x622/4x1.2
85372-xxxx
EMILY Signal Cable Assemblies
SPECIFICATIONS
Dimensions Signal Connector 85372-xxxx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com