Electronic Components Datasheet Search
  English  ▼

X  

85372 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 85372
Description  Low Profi le Cable Connector Front I/O - EMI proof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

85372 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  85372 Datasheet HTML 1Page - Molex Electronics Ltd. 85372 Datasheet HTML 2Page - Molex Electronics Ltd. 85372 Datasheet HTML 3Page - Molex Electronics Ltd. 85372 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.00 mm (.079") Pitch
EMILY™
Low Profile Cable Connector
Front I/O – EMI proof
85372
EMILY™ Signal
Cable Assemblies
Electrical Test Data: EMILY™ Signal
Test sample:
■ Cable: AWG 30, Impedance 100 Ohms ±10 Ohms, twisted pair
■ Connector: EMILY™ Signal Connector (85352-0001)
■ Length of Cable Assembly: 5m
Input:
■ Data Pattern: PRBS 7
■ Signal Input: 1V peak to peak
■ Bit Rate: 155 Mbps
EYE PATTERN
Output:
■ Output Eye: 744 mV
■ Rise Time: 2,36 ns
■ Length of Cable Assembly: 5m
Input:
■ Data Pattern: PRBS 7
■ Signal Input: 1V peak to peak
■ Bit Rate: 155 Mbps
IMPEDANCE
Results:
■ Minimum Impedance: 94,8
■ Maximum Impedance: 96



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com