Electronic Components Datasheet Search
  English  ▼

X  

THS10064 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS10064
Description  10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10064 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS10064 Datasheet HTML 4Page - Texas Instruments THS10064 Datasheet HTML 5Page - Texas Instruments THS10064 Datasheet HTML 6Page - Texas Instruments THS10064 Datasheet HTML 7Page - Texas Instruments THS10064 Datasheet HTML 8Page - Texas Instruments THS10064 Datasheet HTML 9Page - Texas Instruments THS10064 Datasheet HTML 10Page - Texas Instruments THS10064 Datasheet HTML 11Page - Texas Instruments THS10064 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
THS10064
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTER
SLAS255 – DECEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing specifications, AVDD = 5 V, BVDD = DVDD = 3.3 V, VREF = internal, CL < 30 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(DATA_AV)
Delay time
5
ns
td(o)
Delay time
5
ns
tpipe
Latency
5
CONV
CLK
timing specification of the single conversion mode†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tc
Clock cycle of the internal clock oscillator
159
167
175
ns
tw1
Pulse width, CONVST
1.5
×tc
ns
tdA
Aperture time
1
ns
1 analog input
2
×tc
ns
t2
Time between consecutive start of single conversion
2 analog inputs
3
×tc
ns
t2
Time between consecutive start of single conversion
3 analog inputs
4
×tc
ns
4 analog inputs
5
×tc
ns
1 analog input,
TL = 1
6
×tc
ns
Delay time, DATA_AV becomes active for the trigger
2 analog inputs, TL = 2
7
×tc
ns
y,
_
gg
level condition: TRIG0 = 0, TRIG1 = 0
3 analog inputs, TL = 3
8
×tc
ns
4 analog inputs, TL = 4
9
×tc
ns
1 analog input,
TL = 4
3
×t2 +6×tc
ns
td(DATA AV)
Delay time, DATA_AV becomes active for the trigger
2 analog inputs, TL = 4
t2 +7×tc
ns
td(DATA_AV)
y,
_
gg
level condition: TRIG0 = 1, TRIG1 = 0
3 analog inputs, TL = 6
t2 +8×tc
ns
4 analog inputs, TL = 8
t2 +9×tc
ns
1 analog input,
TL = 8
7
×t2 +6×tc
ns
Delay time, DATA_AV becomes active for the trigger
2 analog inputs, TL = 8
3
×t2 +7×tc
ns
y,
_
gg
level condition: TRIG0 = 0, TRIG1 = 1
3 analog inputs, TL = 9
2
×t2 +8×tc
ns
4 analog inputs, TL = 12
2
×t2 +9×tc
ns
D l
ti
DATA AV b
ti
f
th t i
1 analog input,
TL = 14
13
×t2 +6×tc
ns
td(DATA_AV)
Delay time, DATA_AV becomes active for the trigger
level condition: TRIG0 = 1 TRIG1 = 1
2 analog inputs, TL = 12
5
×t2 +7×tc
ns
(
_
)
level condition: TRIG0 = 1, TRIG1 = 1
3 analog inputs, TL = 12
3
×t2 +8×tc
ns
† Timing parameters are ensured by design but are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com