Electronic Components Datasheet Search
  English  ▼

X  

THS10064 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS10064
Description  10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10064 Datasheet(HTML) 1 Page - Texas Instruments

  THS10064 Datasheet HTML 1Page - Texas Instruments THS10064 Datasheet HTML 2Page - Texas Instruments THS10064 Datasheet HTML 3Page - Texas Instruments THS10064 Datasheet HTML 4Page - Texas Instruments THS10064 Datasheet HTML 5Page - Texas Instruments THS10064 Datasheet HTML 6Page - Texas Instruments THS10064 Datasheet HTML 7Page - Texas Instruments THS10064 Datasheet HTML 8Page - Texas Instruments THS10064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
THS10064
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTER
SLAS255 – DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Simultaneous Sampling of 4 Single-Ended
Signals or 2 Differential Signals or
Combination of Both
D Integrated 16-Word FIFO
D Signal-to-Noise and Distortion Ratio: 59 dB
at fI = 2 MHz
D Differential Nonlinearity Error: ±1 LSB
D Integral Nonlinearity Error: ±1 LSB
D Auto-Scan Mode for 2, 3, or 4 Inputs
D 3-V or 5-V Digital Interface Compatible
D Low Power: 216 mW Max
D 5-V Analog Single Supply Operation
D Internal Voltage References . . . 50 PPM/°C
and
±5% Accuracy
D Parallel µC/DSP Interface
applications
D Radar Applications
D Communications
D Control Applications
D High-Speed DSP Front-End
D Automotive Applications
description
The THS10064 is a CMOS, low-power, 10-bit,
6 MSPS analog-to-digital converter (ADC). The
speed, resolution, bandwidth, and single-supply
operation are suited for applications in radar,
imaging,
high-speed
acquisition,
and
communications.
A
multistage
pipelined
architecture with output error correction logic
provides for no missing codes over the full
operating temperature range. Internal control
registers are used to program the ADC into the desired mode. The THS10064 consists of four analog inputs,
which are sampled simultaneously. These inputs can be selected individually and configured to single-ended
or differential inputs. An integrated 16 word deep FIFO allows the storage of data in order to improve data
transfers to the processor. Internal reference voltages for the ADC (1.5 V and 3.5 V) are provided.
An external reference can also be chosen to suit the dc accuracy and temperature drift requirements of the
application. Two different conversion modes can be selected. In single conversion mode, a single and
simultaneous conversion of up to four inputs can be initiated by using the single conversion start signal
(CONVST). The conversion clock in single conversion mode is generated internally using a clock oscillator
circuit. In continuous conversion mode, an external clock signal is applied to the CONV_CLK input of the
THS10064. The internal clock oscillator is switched off in continuous conversion mode.
The THS10064C is characterized for operation from 0
°C to 70°C, and the THS10064I is characterized for
operation from –40
°C to 85°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
D0
D1
D2
D3
D4
D5
BVDD
BGND
D6
D7
D8
D9
RA0
RA1
CONV_CLK (CONVST)
DATA_AV
AINP
AINM
BINP
BINM
REFIN
REFOUT
REFP
REFM
AGND
AVDD
CS0
CS1
WR (R/W)
RD
DVDD
DGND
DA (TSSOP) PACKAGE
(TOP VIEW)


Similar Part No. - THS10064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS10064 TI1-THS10064 Datasheet
510Kb / 42P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI2-THS10064 Datasheet
659Kb / 44P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
REVISED DECEMBER 2002
THS10064CDA TI1-THS10064CDA Datasheet
510Kb / 42P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064CDA TI2-THS10064CDA Datasheet
659Kb / 44P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
REVISED DECEMBER 2002
THS10064CDA.A TI2-THS10064CDA.A Datasheet
659Kb / 44P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
REVISED DECEMBER 2002
More results

Similar Description - THS10064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1206 TI-THS1206 Datasheet
564Kb / 41P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS10082 TI-THS10082 Datasheet
263Kb / 34P
10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
THS1009 TI-THS1009 Datasheet
235Kb / 31P
10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1007 TI-THS1007 Datasheet
246Kb / 36P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1007 TI1-THS1007_14 Datasheet
329Kb / 34P
10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10064 TI1-THS10064_09 Datasheet
510Kb / 42P
10-BIT, 4 ANALOG INPUT, 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8355 TI1-ADS8355 Datasheet
833Kb / 39P
Dual, 16-Bit, 1-MSPS, Simultaneous-Sampling, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com