Electronic Components Datasheet Search
  English  ▼

X  

THS1206DA Datasheet(PDF) 12 Page - Texas Instruments

Part # THS1206DA
Description  12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1206DA Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS1206DA Datasheet HTML 8Page - Texas Instruments THS1206DA Datasheet HTML 9Page - Texas Instruments THS1206DA Datasheet HTML 10Page - Texas Instruments THS1206DA Datasheet HTML 11Page - Texas Instruments THS1206DA Datasheet HTML 12Page - Texas Instruments THS1206DA Datasheet HTML 13Page - Texas Instruments THS1206DA Datasheet HTML 14Page - Texas Instruments THS1206DA Datasheet HTML 15Page - Texas Instruments THS1206DA Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
THS1206
12-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTERS
SLAS217D – MAY 1999 – REVISED APRIL 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
continuous conversion mode (continued)
Figure 4 shows the timing of continuous conversion mode when three analog input channels are selected. The
maximum throughput rate per channel is 2 MSPS in this mode. The data flow in the bottom of the figure shows
in which order the converted data is written into the FIFO. The timing of the DATA_AV signal shown here is for
a trigger level set to 3.
AIN
CONV_CLK
Data Into
FIFO
DATA_AV,
Trigger Level = 3
td(DATA_AV)
Sample N
Channel 1,2,3
Sample N+1
Channel 1,2,3
Sample N+2
Channel 1,2,3
td(O)
Data N–2
Channel 2
Data N–2
Channel 3
Data N–1
Channel 2
Data N–1
Channel 2
Data N–1
Channel 3
Data N
Channel 1
Data N
Channel 2
Data N+1
Channel 3
tc
td(A)
tw(CONV_CLKH)
tw(CONV_CLKL)
td(Pipe)
50%
50%
Figure 4. Timing of Continuous Conversion Mode (3-channel operation)
Figure 5 shows the timing of continuous conversion mode when four analog input channels are selected. The
maximum throughput rate per channel is 1.5 MSPS in this mode. The data flow in the bottom of the figure shows
in which order the converted data is written into the FIFO. The timing of the DATA_AV signal shown here is for
a trigger level of 4.
AIN
CONV_CLK
Data Into
FIFO
DATA_AV,
Trigger Level = 4
tw(CONV_CLKH)
Sample N
Channel 1,2,3,4
Sample N+1
Channel 1,2,3,4
Sample N+2
Channel 1,2,3,4
td(Pipe)
tw(CONV_CLKL)
tc
td(O)
Data N–2
Channel 4
Data N–1
Channel 1
Data N–1
Channel 2
Data N–1
Channel 3
Data N–1
Channel 4
Data N
Channel 1
Data N
Channel 2
Data N
Channel 3
Data N
Channel 4
td(DATA_AV)
td(A)
50%
50%
Figure 5. Timing of Continuous Conversion Mode (4-channel operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com