Electronic Components Datasheet Search
  English  ▼

X  

HT2204L Datasheet(PDF) 11 Page - HYES Optoelectronics, Inc.

Part # HT2204L
Description  LCD MODULE (240 횞 RGB 횞 320 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2204L Datasheet(HTML) 11 Page - HYES Optoelectronics, Inc.

Back Button HT2204L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 10Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 11Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 12Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 13Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 14Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 15Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
4. Interface Pins
Date : Apr. 18, 2008
LCM
HT2204L
TECHNICAL SPECIFICATION
Page 11 of 24
no
symbol
Description
1
GND
2
Touch panel X-
3
Touch panel Y-
4
Touch panel X+
5
Touch panel Y+
6
GND
7
Connect a 1K Resistor to IOVCC(1.8V/2.8V)
8
VCC(2.8V)
9
IOVCC(1.8V/2.8V)
10
Frame head pulse signal
11
Chip select signal(low active)
12
RS Signal (RS=0 : Contro,RS=1 : data)
13
Write Signal (low active)
14
Read Signal(low active)
15
Data Bit0
16
Data Bit1
17
Data Bit2
18
Data Bit3
19
Data Bit4
20
Data Bit5
21
Data Bit6
22
Data Bit7
Data Bit8
Data Bit9
25
Data Bit10
26
Data Bit11
27
Data Bit12
28
Data Bit13
29
Data Bit14
30
Data Bit15
31
Data Bit16
32
Data Bit17
33
RESET signal(low active)
system interface control
system interface control
LED Anode
LED Cathode
GND
23
24
DB10
DB8
DB9
DB11
DB12
DB17
DB13
DB14
DB15
DB16
LEDK
GND
/RESET
IM3
IM0
/RD
DB0
DB1
LEDA
DB2
DB3
DB4
DB5
DB6
DB7
GND
XL
YD
XR
YU
GND
LCM_ID
IOVCC
RS
/WR
FMARK
VCC&VCI
/CS
38
34
35
36
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com