Electronic Components Datasheet Search
  English  ▼

X  

HT2204L Datasheet(PDF) 12 Page - HYES Optoelectronics, Inc.

Part # HT2204L
Description  LCD MODULE (240 횞 RGB 횞 320 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2204L Datasheet(HTML) 12 Page - HYES Optoelectronics, Inc.

Back Button HT2204L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 10Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 11Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 12Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 13Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 14Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 15Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 16Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
5. Backlight Specfication (LED Unit)
Real Current
Power dissipation
Operation temp.
Storage temp.
Note 1. B/L: 4EA LED in Serial, the typical current is 20mA (full brightness).
Note2. Total power consumpation(max) depends on LED current/ LED driver efficiency, etc.
Tstr
- 30 ~ 80
℃
-
Topr
- 20 ~ 70
℃
-
㎽
note 2.
ILED
-
PD
-
-
300
18
20
Spec. Value
Unit
Condition
Min.
Typ.
Max.
Item
Date : Apr. 18, 2008
LCM
HT2204L
TECHNICAL SPECIFICATION
Page 12 of 24
㎃
note 1.
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com