Electronic Components Datasheet Search
  English  ▼

X  

HT2204L Datasheet(PDF) 23 Page - HYES Optoelectronics, Inc.

Part # HT2204L
Description  LCD MODULE (240 횞 RGB 횞 320 Dots)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2204L Datasheet(HTML) 23 Page - HYES Optoelectronics, Inc.

Back Button HT2204L Datasheet HTML 16Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 17Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 18Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 19Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 20Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 21Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 22Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 23Page - HYES Optoelectronics, Inc. HT2204L Datasheet HTML 24Page - HYES Optoelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
10. LCD Module Operation Instruction
Part I. How to use the LCD Module
1. Don't hit the LCD Panel in any way because the LCD is made of glass.
2. Don't clean the surface of LCD with hard things. Please clean LCD with Air-gun or very
soft cloth when necessary. The protective film on the POL can be removed just before
assembly, otherwise,dust, spit or other foreign matter may attached on the LCD under
the protective film. After the protective film is removed, only air-gun can be used to remove
any dust or foreign matter. Fingure or cloth MUST NOT be used in such cases.
3. No chemical liquid is allowed to clean the LCD, such as alcohol, acetone and IPA. All of
these candamage the LCD. Water on the LCD must be cleaned as soon as possible, for
it will cause POL color change or other defect.
4. Please move and assemble LCD very carefully during assembly, and don't push or twist it.
5. Don't damage the FPC of LCD module. It will cause permanent defect.
6. Don't disassemble LCD module. It will cause permanent defect.
7. Don't expose LCD module under sunshine, strong fluorescence or ultraviolet radiation.
8. Please make sure that operators wear static-protective bands effectively and working
tables are effectively earthing during operation.
9. Please place LCD module on the tray provided by HYES while moving it, in order to avoid
mechanical damage. Hold the module's side frames to avoide damage during moving.
10. Don't twist, disassemble, squeeze or hit the PCB. It will damage the circuit or component
on PCB and cause functional defect.
11. Please use the connector according to the instruction provided by HYES.
12. Please place dual module with the sub-panel upward. Trays should be placed in contrary
direction.An empty tray should be placed on the top.
13. Sealing operation on PCB must be very careful to avoid short or cut the original circuit
on PCB.Otherwise, it will cause permenant damage to the LCD.
14. Don't add direct DC or high voltage to LCD panel. It will cause functional damage to
the LCD or shorten the life of LCD product.
15. LCD may respond slowly or display abnormally in extrem temperature (lower than -20℃
or higher than 50℃). But this doesn't mean LCD functional defect. LCD will display
normally in regular temperature. Therefore, don’t use LCD product in extrem temperature.
TECHNICAL SPECIFICATION
Date : Apr. 18, 2008
LCM
HT2204L
Page 23 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com