Electronic Components Datasheet Search
  English  ▼

X  

THS6002CDWP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS6002CDWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6002CDWP Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS6002CDWP Datasheet HTML 15Page - Texas Instruments THS6002CDWP Datasheet HTML 16Page - Texas Instruments THS6002CDWP Datasheet HTML 17Page - Texas Instruments THS6002CDWP Datasheet HTML 18Page - Texas Instruments THS6002CDWP Datasheet HTML 19Page - Texas Instruments THS6002CDWP Datasheet HTML 20Page - Texas Instruments THS6002CDWP Datasheet HTML 21Page - Texas Instruments THS6002CDWP Datasheet HTML 22Page - Texas Instruments THS6002CDWP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 35
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
VCC = ±5 V
RECEIVER
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
VCC = ±15 V
80
70
60
55
75
65
85
1 k
Ω
1 k
Ω
VI
+
–
VO
1 k
Ω
1 k
Ω
Figure 36
RECEIVER
INPUT-TO-OUTPUT CROSSTALK
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
VCC = ±15 V
RF = 1 kΩ
RL = 150 Ω
Gain = 2
VI = 200 mV
See Figure 2
500M
–30
–50
–70
–90
–40
–60
–80
–10
0
–20
Receiver 1 = Input
Receiver 2 = Output
Receiver 1 = Output
Receiver 2 = Input
Figure 37
RECEIVER-TO-DRIVER CROSSTALK
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
VCC = ±15 V
RF = 1 kΩ
Gain = 2
500M
–30
–50
–70
–90
–40
–60
–80
–10
0
–20
Receiver 2 = Input
Driver 2 = Output
Receiver 1 = Input
Driver 1 = Output
Receiver 2 = Input
Driver 1 = Output
Receiver 1 = Input
Driver 2 = Output
Figure 38
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
RECEIVER
POWER SUPPLY REJECTION RATIO
vs
FREE-AIR TEMPERATURE
90
80
70
65
85
75
95
VCC = 15 V
VCC = 5 V
VCC = –15 V
VCC =–5 V
G = 1
RF = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com