Electronic Components Datasheet Search
  English  ▼

X  

THS6002CDWP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS6002CDWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6002CDWP Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS6002CDWP Datasheet HTML 18Page - Texas Instruments THS6002CDWP Datasheet HTML 19Page - Texas Instruments THS6002CDWP Datasheet HTML 20Page - Texas Instruments THS6002CDWP Datasheet HTML 21Page - Texas Instruments THS6002CDWP Datasheet HTML 22Page - Texas Instruments THS6002CDWP Datasheet HTML 23Page - Texas Instruments THS6002CDWP Datasheet HTML 24Page - Texas Instruments THS6002CDWP Datasheet HTML 25Page - Texas Instruments THS6002CDWP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
DC Input Offset Voltage – V
RECEIVER
DIFFERENTIAL GAIN AND PHASE
vs
DC INPUT OFFSET VOLTAGE
0.05
0.03
0.01
0
–0.5
–0.1
–0.3
0.1
0.7
0.09
–0.7
0.3
0.5
0.07
0.04
0
0.08
0.12
0.16
0.20
Phase
0.06
0.04
0.02
0.10
0.08
0.02
0.06
0.10
0.14
0.18
VCC = ±5 V
RL = 150 Ω
RF = 1 kΩ
f = 3.58 MHz
Gain = 2
40 IRE Modulation
Gain
Figure 46
Number of 150-
Ω Loads
RECEIVER
DIFFERENTIAL GAIN AND PHASE
vs
NUMBER OF 150-
Ω LOADS
0.25
0.15
0.05
0
0.45
0.35
0.05
0
0.10
0.15
0.20
0.25
0.30
0.20
0.10
0.40
VCC = ±15 V
RF = 1 kΩ
Gain = 2
f = 3.58 MHz
40 IRE Modulation
100 IRE Ramp
Phase
Gain
28
14
35
6
7
Figure 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com