Electronic Components Datasheet Search
  English  ▼

X  

THS6002CDWP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS6002CDWP
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6002CDWP Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS6002CDWP Datasheet HTML 16Page - Texas Instruments THS6002CDWP Datasheet HTML 17Page - Texas Instruments THS6002CDWP Datasheet HTML 18Page - Texas Instruments THS6002CDWP Datasheet HTML 19Page - Texas Instruments THS6002CDWP Datasheet HTML 20Page - Texas Instruments THS6002CDWP Datasheet HTML 21Page - Texas Instruments THS6002CDWP Datasheet HTML 22Page - Texas Instruments THS6002CDWP Datasheet HTML 23Page - Texas Instruments THS6002CDWP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 39
TA – Free-Air Temperature – °C
–40
–20
0
20
80
100
60
40
RECEIVER
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
5
3
1
0
4
2
6
VCC = ±15 V
VCC = ±5 V
7
Figure 40
RECEIVER
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
VCC = ±15 V
RL = 150 Ω
Gain = 1
VI = 200 mV
500M
–1
–3
–5
–7
–2
–4
–6
1
2
0
3
RF = 360 Ω
RF = 510 Ω
RF = 1 kΩ
RF = 750 Ω
Figure 41
RECEIVER
NORMALIZED OUTPUT RESPONSE
vs
FREQUENCY
1M
f – Frequency – Hz
100k
10M
100M
VCC = ±15 V
RL = 150 Ω
Gain = 2
VI = 200 mV
500M
–3
–5
–7
–9
–4
–6
–8
–1
0
–2
1
RF = 360 Ω
RF = 510 Ω
RF = 1 kΩ
RF = 620 Ω
Figure 42
RECEIVER
OUTPUT DISTORTION
vs
OUTPUT VOLTAGE
5
VO(PP) – Output Voltage – V
010
15
VCC = ±15 V
RF = 510 Ω
RL = 150 Ω
f = 1 MHz
Gain = 5
20
–30
–50
–70
–90
–40
–60
–80
–10
0
–20
2nd Harmonic
3rd Harmonic
–100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com