Electronic Components Datasheet Search
  English  ▼

X  

THS7002IPWP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002IPWP
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002IPWP Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS7002IPWP Datasheet HTML 12Page - Texas Instruments THS7002IPWP Datasheet HTML 13Page - Texas Instruments THS7002IPWP Datasheet HTML 14Page - Texas Instruments THS7002IPWP Datasheet HTML 15Page - Texas Instruments THS7002IPWP Datasheet HTML 16Page - Texas Instruments THS7002IPWP Datasheet HTML 17Page - Texas Instruments THS7002IPWP Datasheet HTML 18Page - Texas Instruments THS7002IPWP Datasheet HTML 19Page - Texas Instruments THS7002IPWP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure (continued)
_
+
RF
RS
RG
eRg
eRf
eRs
en
IN+
Noiseless
IN–
eni
eno
Figure 52. Noise Model
The total equivalent input noise density (eni) is calculated by using the following equation:
e
ni +
en
2
) IN )
R
S
2
) IN–
R
F ø
R
G
2
) 4kTRs ) 4kT RF ø RG
Where:
k = Boltzmann’s constant = 1.380658
× 10–23
T = temperature in degrees Kelvin (273 +
°C)
RF || RG = parallel resistance of RF and RG
(1)
To get the equivalent output noise of the amplifier, just multiply the equivalent input noise density (eni) by the
overall amplifier gain (AV).
eno + eni AV + eni 1 )
R
F
R
G
(Noninverting Case)
(2)
As the previous equations show, to keep noise at a minimum, small value resistors should be used. As the
closed-loop gain is increased (by reducing RF + RG), the input noise can be reduced considerably because of
the parallel resistance term. This leads to the general conclusion that the most dominant noise sources are the
source resistor (RS) and the internal amplifier noise voltage (en). Because noise is summed in a
root-mean-squares method, noise sources smaller than 25% of the largest noise source can be effectively
ignored. This can greatly simplify the formula and make noise calculations much easier to calculate.
By using the low noise preamplifiers as the first element in the signal chain, the input signal’s signal-to-noise
ratio (SNR) is maintained throughout the entire system. This is because the dominant system noise is due to
the first amplifier. This can be seen with the following example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com