Electronic Components Datasheet Search
  English  ▼

X  

THS7002IPWP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002IPWP
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002IPWP Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS7002IPWP Datasheet HTML 15Page - Texas Instruments THS7002IPWP Datasheet HTML 16Page - Texas Instruments THS7002IPWP Datasheet HTML 17Page - Texas Instruments THS7002IPWP Datasheet HTML 18Page - Texas Instruments THS7002IPWP Datasheet HTML 19Page - Texas Instruments THS7002IPWP Datasheet HTML 20Page - Texas Instruments THS7002IPWP Datasheet HTML 21Page - Texas Instruments THS7002IPWP Datasheet HTML 22Page - Texas Instruments THS7002IPWP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
optimizing frequency response for the preamplifiers (continued)
The next thing that helps to maintain a smooth frequency response is to keep the feedback resistor (Rf) and
the gain resistor (Rg) values fairly low. These two resistors are effectively in parallel when looking at the ac
small-signal response. This is why in a configuration with a gain of 5, a feedback resistor of 5.1 k
Ω with a gain
resistor of 1.2 k
Ω only shows a small peaking in the frequency response. The parallel resistance is less than
1 k
Ω. This value, in conjunction with a very small stray capacitance test PCB, forms a zero on the edge of the
amplifier’s natural frequency response. To eliminate this peaking, all that needs to be done is to reduce the
feedback and gain resistances. One other way to compensate for this stray capacitance is to add a small
capacitor in parallel with the feedback resistor. This helps to neutralize the effects of the stray capacitance. To
keep this zero out of the operating range, the stray capacitance and resistor value’s time constant must be kept
low. But, as can be seen in Figures 14 – 19, a value too low starts to reduce the bandwidth of the amplifier. Table
1 shows some recommended feedback resistors to be used with the THS7001 and THS7002 preamplifiers.
Table 2. Recommended Feedback Resistors
GAIN
Rf for VCC = ±15 V and ± 5 V
2
499
Ω
–1
499
Ω
5
1 k
Ω
PGA gain control
The PGA section of the THS7001 and THS7002 IC allows for digital control of the gain. There are three digital
control pins for each side of the PGA (AG0 – AG2, and BG0 – BG2). Standard TTL or CMOS Logic will control
these pins without any difficulties. The applied logic levels are referred to the DGND pins of the THS7002. The
gain functions are not latched and therefore always rely on the logic at these pins to maintain the correct gain
settings. A 3.3 k
Ω resistor to ground is usually applied at each input to ensure a fixed logic state. The gain control
acts like break-before-make SPDT switches. Because of this action, the PGA will go into an open-loop condition.
This may cause the output to behave unpredictably until the switches closes in less than 1.5
µs. Due to the
topology of this circuit, the controlling circuitry must be able to sink up to 2
µA of current when 0-V is applied
to the gain control pin. A simplified circuit diagram of the gain control circuitry is shown in Figure 55.
+VCC
To Internal
Bias Circuitry
Control
–VCC
DGND
Gain
Figure 55. Simplified PGA Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com