Electronic Components Datasheet Search
  English  ▼

X  

THS7002IPWP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002IPWP
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002IPWP Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS7002IPWP Datasheet HTML 14Page - Texas Instruments THS7002IPWP Datasheet HTML 15Page - Texas Instruments THS7002IPWP Datasheet HTML 16Page - Texas Instruments THS7002IPWP Datasheet HTML 17Page - Texas Instruments THS7002IPWP Datasheet HTML 18Page - Texas Instruments THS7002IPWP Datasheet HTML 19Page - Texas Instruments THS7002IPWP Datasheet HTML 20Page - Texas Instruments THS7002IPWP Datasheet HTML 21Page - Texas Instruments THS7002IPWP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise calculations and noise figure (continued)
Because the dominant noise components are generally the source resistance and the internal amplifier noise
voltage, we can approximate noise figure as:
NF
+ 10log 1 )
e
n
2
) IN )
R
S
2
4kTR
S
Figure 54 shows the noise figure graph for the THS7001 and THS7002.
PREAMP NOISE FIGURE
vs
SOURCE RESISTANCE
14
12
10
8
6
4
10
100
1k
Source Resistance –
Ω
2
10k
16
f = 10 kHz
TA = 25 _C
0
Figure 54. Noise Figure vs Source Resistance
optimizing frequency response for the preamplifiers
Internal frequency compensation of the THS7001 and THS7002 was selected to provide very wide bandwidth
performance and still maintain a very low noise floor. In order to meet these performance requirements, the
preamplifiers must have a minimum gain of 2 (–1). Because everything is referred to the noninverting terminal
of an operational amplifier, the noise gain in a G = –1 configuration is the same as a G = 2 configuration.
One of the keys of maintaining a smooth frequency response, and hence, a stable pulse response, is to pay
particular attention to the inverting terminal. Any stray capacitance at this node causes peaking in the frequency
response. There are two things that can be done to help minimize this effect. The first is to simply remove any
ground planes under the inverting terminal of the amplifier. This also includes the trace that connects to this
terminal. Additionally, the length of this trace should be minimized. The capacitance at this node causes a lag
in the voltage being fed back due to the charging and discharging of the stray capacitance. If this lag becomes
too long, the amplifier will not be able to correctly keep the noninverting terminal voltage at the same potential
as the inverting terminal’s voltage. Peaking and possibly oscillations can occur if this happens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com