Electronic Components Datasheet Search
  English  ▼

X  

685 Datasheet(PDF) 7 Page - Mallory performance club

Part # 685
Description  ELECTRONIC IGNITION CONTROLS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

685 Datasheet(HTML) 7 Page - Mallory performance club

Back Button 685 Datasheet HTML 3Page - Mallory performance club 685 Datasheet HTML 4Page - Mallory performance club 685 Datasheet HTML 5Page - Mallory performance club 685 Datasheet HTML 6Page - Mallory performance club 685 Datasheet HTML 7Page - Mallory performance club 685 Datasheet HTML 8Page - Mallory performance club 685 Datasheet HTML 9Page - Mallory performance club 685 Datasheet HTML 10Page - Mallory performance club 685 Datasheet HTML 11Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
MAGNETIC PICKUP/CRANK TRIGGER COLOR CODES
BRAND/TYPE
MAG+
MAG–
MALLORY CRANK TRIGGER
PURPLE
GREEN
MALLORY BILLET COMPETITION DISTRIBUTOR,
SERIES NOS. 81 AND 84
ORANGE
PURPLE
MALLORY COMP 9000® SERIES NOS 96-99
ORANGE
PURPLE
MALLORY HARNESS PART NO. 29040
RED
BLACK
MSD™ CRANK TRIGGER
PURPLE
GREEN
MSD™ CRANK TRIGGER (OLD STYLE)
ORANGE
BLACK
MSD™ DISTRIBUTOR
ORANGE
PURPLE
MOROSO™ CRANK TRIGGER
BLACK
WHITE
ACCEL® CRANK TRIGGER
BLACK
WHITE
CHRYSLER ELECTRONIC DISTRIBUTOR
ORANGE
BLACK
FORD DURASPARK DISTRIBUTOR
ORANGE
PURPLE
DELCO/GM HEI DISTRIBUTOR
WHITE
GREEN
(2b) Wiring method without adapters; all breaker point distributors;
Mallory Electronic Ignitions (three wire/red, brown, green); OEM
electronic ignition amplifiers.
Refer to: Figure 13 for breaker point distributors; Figure 15 for Mallory UNILITE®
Distributors, Magnetic Breakerless Distributors or Electronic Advance Distributors
(three wire/red, brown, green); Figure 16 for OEM electronic ignition amplifiers
Connecting the Ignition Control Harness
• Route the Ignition Control Harness to the ignition coil so that its wires do not make contact with
extreme heat, sharp objects or moving devises such as fans, belts and linkages.
• Disconnect ALL wires located on the ignition coil (+) terminal. These include the wires from
the ignition switch/ignition ballast resistor, start/ignition bypass and any other wires normally
connected to the ignition coil (+) terminal. Connect these wires to the RED WIRE. NOTE: The
RED WIRE must get voltage when the ignition switch is in the START and RUN positions.
If you are using a Mallory Electronic Ignition, connect its BROWN WIRE to engine ground
and add its RED WIRE to the Ignition Control Harness RED WIRE. Use Ring Terminal
Connectors to join wires together (See page 2 - Ignition Ballast Resistor / Loom Resistance
Wire and Standard Ignition Bypass).
• Similarly, disconnect ALL wires located on the ignition coil (–) terminal. Connect these wires
to the GREEN WIRE. If you are using a Mallory Electronic Ignition, add its GREEN WIRE
to the Ignition Control Harness GREEN WIRE. Use Ring Terminal Connectors to join
wires together.
• Connect the YELLOW WIRE to the ignition coil (+) terminal. DO NOT allow any wire
except the YELLOW WIRE to make contact with the ignition coil (+) terminal.
• Connect the BLACK WIRE to the ignition coil (–) terminal.
• Go to Step 3, page 9.
RING TERMINAL CONNECTORS:
Furnished with the HYFIRE® VI Electronic Ignition Controls are two Ring Terminal Connectors
for the convenience of getting a neat installation when the HYFIRE® VI Electronic Ignition
Control is added to an existing ignition system. These Ring Terminal Connectors allow the
existing ignition system wiring to remain in the area of the ignition coil.
• Move wires onto the stud that is inside the Ring Terminal Connector body.
• Secure these wires to the stud with the nut and washer.
• Install the Ring Terminal Connector cap.
(2c) Wiring Method without adapters for Magnetic Pickup Trigger
Pulses (Non-Computer Type); Magnetic Pickup Distributors or
Crank Trigger Ignition
Connecting to Magnetic Pickup Distributors and Crank Trigger Ignition – Refer to
Figure 17.
• Connect the magnetic pickup (+) wire to the SMALL GREEN WIRE from the HYFIRE® VI
Electronic Ignition Control.
• Connect the magnetic pickup (–) wire to the SMALL BLACK WIRE from the HYFIRE® VI
Electronic Ignition Control.
Connecting the Ignition Control Harness:
• Route the Ignition Control Harness to the ignition coil so that its wires do not make contact
with extreme heat, sharp objects or moving devises such as fans, belts and linkages.
• Connect the RED WIRE to the 12-volt wire from the ignition switch. NOTE: The RED
WIRE must get voltage when the ignition switch is in the START and RUN positions. Use
a Ring Terminal Connector to join wires together.
• Connect the YELLOW WIRE to the ignition coil (+) terminal. DO NOT allow any wire
except the YELLOW WIRE to make contact with the ignition coil (+) terminal.
• Connect the BLACK WIRE to the ignition coil (–) terminal.
• DO NOT connect the GREEN WIRE of the Ignition Control Harness to anything. Tape the
end of it to insulate it.
• Go to Step 3, Page 9.
FIGURE 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com