Electronic Components Datasheet Search
  English  ▼

X  

685 Datasheet(PDF) 1 Page - Mallory performance club

Part # 685
Description  ELECTRONIC IGNITION CONTROLS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

685 Datasheet(HTML) 1 Page - Mallory performance club

  685 Datasheet HTML 1Page - Mallory performance club 685 Datasheet HTML 2Page - Mallory performance club 685 Datasheet HTML 3Page - Mallory performance club 685 Datasheet HTML 4Page - Mallory performance club 685 Datasheet HTML 5Page - Mallory performance club 685 Datasheet HTML 6Page - Mallory performance club 685 Datasheet HTML 7Page - Mallory performance club 685 Datasheet HTML 8Page - Mallory performance club 685 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
HYFIRE® VI SERIES OF ELECTRONIC
IGNITION CONTROLS
HYFIRE® VI Ignition System Part No. 685, Advanced
HYFIRE® VI Ignition System Part No. 6851, Basic
For applications triggered by points, Mallory Electronic Ignition Distributor (all models), original equipment electronic
ignition amplifiers and magnetic trigger pulses (magnetic pickup distributor or crank trigger ignition). Optional adapters are
available for easy connection to early model Delco/GM HEI Systems, late model GM HEI/EST Systems, Ford TFI Systems,
and OEM magnetic pickup (non-computer; Ford DuraSpark, GM HEI and Mopar/Chrysler Electronic Systems).
This product is legal to sell, distribute or install on vehicles in California. C.A.R.B. Executive Order D-70-26.
NOTE: Mallory HYFIRE® VI Electronic Ignition Controls are not compatible with distributorless systems or positive
ground applications. The RPM Limiter in the HYFIRE® VI (Part No. 685) will not work properly with odd-fire or
semi-even fire V6 applications.
Parts included in this kit:
1
HYFIRE® VI Electronic Ignition Control - Part No. 685 or 6851
1
Ignition Control Harness - Part No. 29348
2
Terminal Connectors - Part No. 450
1
Bypass Connector
4
Cable Ties
2
Spade Terminals
8
Ring Terminals, 1/4”
1
Ring Terminal, 3/8”
5
Spade Receptacle Terminals
4
10-32 Screws
4
10-32 Nuts with Lockwashers
INSTALLATION INSTRUCTIONS
FORM 1478 (REV. D) 09/2008
WARNING: DO NOT USE NON-SUPPRESSOR SPARK PLUG
WIRES WITH THE HYFIRE® VI IGNITION CONTROL.
KEEP ALL IGNITION SYSTEM WIRES AS FAR FROM SPARK PLUG WIRES AS POSSIBLE.
General Information ...............................................................................2
Ignition Ballast Resistor/Loom Resistance Wire............................2
Standard Ignition Bypass (Bypass Connector)..............................2
Ignition Coils ....................................................................................2
Fuel Injection....................................................................................2
Spark Plug Wires..............................................................................2
Spark Plug Gaps ..............................................................................2
Electric Welding ...............................................................................2
External RPM Limiters
Mallory PRO TACH® I, IV and VI ......................................................2
Mounting Procedure ..............................................................................2
Mounting to a Flat Surface Without Brackets ................................2
Mounting to a Flat or Uneven Surface Using Brackets................2
Mounting to a Flat Surface with Shock Mounts............................2
Wiring Procedure ...................................................................................3
Wiring Method using Adapters and Harnesses..............................3
GM HEI Systems/coil-in-cap with OEM module)..................3-4
Late Model GM HEI/EST Systems (external coil).................3-5
Ford TFI Systems .........................................................................3-4
Ford DuraSpark Systems (non-computer type,
without module)......................................................................5-6
Early Model GM HEI Systems (non-computer type,
without module).....................................................................6, 8
Mopar/Chrysler Corp. Electronic Systems
(non-computer type, without module) .................................6, 9
Wiring Method Without Adapters..........................................................7
Breaker Point Systems ................................................................7, 9
Mallory Electronic Ignition, UNILITE® Distributors,
Magnetic Breakerless Distributors or Electronic
Advance Distributors (3-wire/red, brown, green) .............7, 10
For OEM Electronic Systems with modules/amplifiers
(Chrysler, Ford, and import) ...............................................7, 10
Magnetic Pickup Trigger Pulses (magnetic
pickup distributors or crank trigger ignition) .........................7, 10
Top Panel Operation and Features .................................................... 11
RPM Limiter Operation – HYFIRE® VI Ignition System
(PN 685 only).................................................................................. 11
Optional Ignition Accessories............................................................. 11
Bypass Connector...............................................................................12
Mounting Template..............................................................................12
CONTENTS


Similar Part No. - 685

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
685 GILWAY-685 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
3M Electronics
685 3M-685 Datasheet
130Kb / 5P
3M™ Riveters Tape 685
Jun-2017
logo
Oscilent Corporation
685-8.0M-15-03-N-TR OSCILENT-685-8.0M-15-03-N-TR Datasheet
120Kb / 1P
SMD Resonator
685-8.0M-15-03-W-TR OSCILENT-685-8.0M-15-03-W-TR Datasheet
120Kb / 1P
SMD Resonator
logo
Pomona Electronics
6850 POMONA-6850 Datasheet
198Kb / 2P
3-Pin XLR (F), Gold Contacts, Black Nickel Plating
More results

Similar Description - 685

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9011 NSC-LM9011 Datasheet
332Kb / 16P
Electronic Ignition Interface
logo
Allegro MicroSystems
ULQ2460A ALLEGRO-ULQ2460A Datasheet
432Kb / 5P
ELECTRONIC IGNITION TIMING
logo
Freescale Semiconductor...
MC79076 FREESCALE-MC79076_07 Datasheet
307Kb / 13P
Electronic Ignition Control Circuit
logo
Mallory performance clu...
686M MALLORY-686M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
686M MALLORY-686M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
ELECTRONIC IGNITION CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com