Electronic Components Datasheet Search
  English  ▼

X  

685 Datasheet(PDF) 2 Page - Mallory performance club

Part # 685
Description  ELECTRONIC IGNITION CONTROLS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

685 Datasheet(HTML) 2 Page - Mallory performance club

  685 Datasheet HTML 1Page - Mallory performance club 685 Datasheet HTML 2Page - Mallory performance club 685 Datasheet HTML 3Page - Mallory performance club 685 Datasheet HTML 4Page - Mallory performance club 685 Datasheet HTML 5Page - Mallory performance club 685 Datasheet HTML 6Page - Mallory performance club 685 Datasheet HTML 7Page - Mallory performance club 685 Datasheet HTML 8Page - Mallory performance club 685 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
GENERAL INFORMATION
The HYFIRE® VI Ignition System Part Nos. 685 and 6851 are not for marine use.
The RPM limiter in the HYFIRE® VI is not recommended as an engine speed governor. The use
of the RPM limiters is not recommended for applications equipped with a catalytic converter.
Similarly, forcing engine RPM past the RPM limiter continuously for long sustained intervals
can cause fuel build up in the exhaust system that may adversely affect your application. The
RPM limiting systems will not work properly with odd-fire V6 applications.
Ignition Ballast Resistor / Loom Resistance Wire
The performance of the HYFIRE® VI is not affected by the presence of the factory ignition
resistors or ignition ballast resistors in the wire from the ignition switch.
Standard Ignition Bypass (Bypass Connector)
The Bypass Connector (supplied) fits into the Ignition Control Harness to convert back to stan-
dard ignition. If you use the Bypass Connector, use ignition ballast resistors designed for your
vehicle’s distributor and coil (see diagrams for more information). This bypass method does
not work with magnetic pickup distributor or crank trigger ignition. Racing Applications: It is not
necessary to install ignition ballast resistors. However, do not use the Bypass Connector until
the ignition ballast resistors are installed in the wire from the ignition switch.
Ignition Coils
The HYFIRE® VI Electronic Ignition Controls are designed to work with most original equipment
ignition coils. For optimum performance use the Mallory PROMASTER® Coil Part No. 29440
(up to 7,500 RPM) or Part No. 29625 (up to 10,000 RPM).
Fuel Injection
Some fuel injection systems need a voltage spike signal from the ignition coil before they
will operate properly. This signal changes once HYFIRE® VI Electronic Ignition Controls are
installed. The Mallory Fuel Injection and Tachometer Adapters Part Nos. 29074 and 29078
supply the proper signal to the vehicle computer to operate the fuel injection system. Installation
procedure and diagrams are supplied with these adapters.
Spark Plug Wires
YOU MUST USE suppression type (carbon core, spiral core, suppression core) spark plug
wire. We recommend spiral core ignition wire, such as Mallory PRO SIDEWINDER® Ignition
Wire. Suppression type spark plug wires prevent false triggering and possible premature
ignition or accessory failures. DO NOT USE solid core (copper core; stainless steel core)
spark plug wire with any electronic ignition system or accessory.
Spark Plug Gaps
For street applications, use your engine manufacturer’s specifications. For racing applications,
start with your engine manufacturer’s specifications, then experiment with, and closely monitor,
various gaps to achieve maximum performance.
Electric Welding
Unplug the Ignition Control Harness from the HYFIRE® VI Electronic Ignition Control and un-
plug any distributor harnesses (if possible) before any welding is done on the vehicle.
External RPM Limiters
Mallory Proportional RPM Limiter Part Nos. 641-4, 641-6, 641-8, 642, 643 and 644 WILL NOT
function with the HYFIRE® VI Electronic Ignition Controls.
Mallory PRO TACH® I, IV and VI
The RPM needle and shift light will work with the HYFIRE® VI. However, the tach’s proportional
controller that limits RPM WILL NOT function with the HYFIRE® VI. Turn the LIMIT RPM knob
slightly past 11,000 to prevent the limiter from interfering with the tach’s other functions. See
Optional Ignition Accessories for more information.
MOUNTING PROCEDURE
Step 1
Disconnect the battery (–) cable to cut power to the system. Computerized vehicles: Discon-
nect the battery (–) cable and let the vehicle sit overnight before proceeding. This allows the
computer to calibrate for the new ignition.
Step 2
Select a convenient location to mount the HYFIRE® VI Electronic Ignition Control. Keep the unit
away from hot engine components or extreme heat such as the exhaust system and manifolds.
Also, keep it away from moving devices, such as fans, belts and linkages. The location must
be dry. Moisture will damage components inside the unit.
Step 3
Choose one mounting method listed below for mounting the HYFIRE® VI Electronic Ignition
Control (3a, 3b, or 3c).
(3a) Mounting to a flat surface
• Center punch the mounting pattern on the mounting surface using the housing holes to
mark locations for drilling mounting holes. Drill holes using a 7/32” drill bit.
• Hold the HYFIRE® VI Electronic Ignition Control in position over the mounting holes.
• From the backside of the mounting surface, insert the 10-32 screws with lock washers
through the mounting holes and attach with the 10-32 nuts supplied.
(3c) Mounting to a flat surface with shock mounts (available separately, PN
29069)
• Center punch the mounting pattern on the mounting surface using the housing holes to
mark locations for drilling mounting holes. Drill holes using a 7/32” drill bit.
• Install the shock mounts into the side flanges of the HYFIRE® VI and tighten nuts. Hold
the unit in position where it will be mounted.
• From the backside of the mounting surface, insert the 10-32 nuts with lock washers onto
the shock mount studs. Tighten each nut until snug.
®
FIGURE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com