Electronic Components Datasheet Search
  English  ▼

X  

TL16PC564BPZ Datasheet(PDF) 12 Page - Texas Instruments

Part # TL16PC564BPZ
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PC564BPZ Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL16PC564BPZ Datasheet HTML 8Page - Texas Instruments TL16PC564BPZ Datasheet HTML 9Page - Texas Instruments TL16PC564BPZ Datasheet HTML 10Page - Texas Instruments TL16PC564BPZ Datasheet HTML 11Page - Texas Instruments TL16PC564BPZ Datasheet HTML 12Page - Texas Instruments TL16PC564BPZ Datasheet HTML 13Page - Texas Instruments TL16PC564BPZ Datasheet HTML 14Page - Texas Instruments TL16PC564BPZ Datasheet HTML 15Page - Texas Instruments TL16PC564BPZ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TL16PC564B, TL16PC564BLV
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS225A – MARCH 1996 – REVISED FEBRUARY 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
four-and-a-half XIN clock cycles for integer-plus-a-half divisors. Based on the above parameters, the
acceptable XIN/divisor combinations can be derived. The precision of the programmable clock generator for
integer-plus-a-half divisors depends on the closeness to a 50% duty cycle for the XIN input clock.
NOTE
With a divisor less than or equal to 8 (whole number), the UART clock will have a low pulse equal
to one clock cycle of the XIN clock. Caution should be used as noted in the following example.
A 20 MHz clock period yields 50 ns total, including rise time and fall time, if a divisor of less than
or equal to 8 (whole number) is used. This provides a total down period less than 50 ns to the UART
clock, which is less than that which is required for the UART to function properly.
Caution should be used when selecting the XIN and divisor combination.
PGMCLK(0 – 5) VALUE (HEX)
RESULT
0
(0)
No clock (driven high)
0.5
(1)
Divide-by-1
1
(2)
Divide-by-1
1.5
(3)
Divide-by-1
2
(4) to 31.5 (3F)
Divide-by-2 to divide-by-31.5
subsystem serial-bypass mode
The optional serial-bypass mode is implemented to allow a high-throughput path to/from the host CPU. When
this mode is enabled and subsystem control register bit 7 is high, the serial portion of the UART is bypassed
and the subsystem has direct parallel access to the receiver FIFO (write address 140 hex) and the transmitter
FIFO (read address 140 hex). All host CPU interrupts operate normally except for receiver parity, framing, and
breaking interrupts.
auto-CTS operation
The optional auto-CTS operation is implemented so that the host CPU cannot overflow the modem receive
buffer. Auto-CTS operation is enabled when the subsystem sets MCR (subsystem address 130 hex) bit 5 high.
When enabled, deactivating CTS (high) halts the transmitter section of the UART after it completes the current
transfer. Once CTS is reactivated (low) by the modem, transfers resume. Interrupt operation is not affected by
enabling auto-CTS.
auto-RTS operation
The optional auto-RTS operation is implemented so that the subsystem cannot overflow the receiver FIFO.
Auto-RTS operation is enabled when FCR bit 4 is high and EXTEND is low and operates independently from
the trigger-level circuitry. In the 16-byte FIFO mode, the RTS bit in the modem-control register (bit 1) clears when
14 characters are in the receive FIFO. This action causes RTS to go high (inactive). In the 64-byte FIFO mode,
the MCR RTS bit clears when 56 characters are in the receiver FIFO. Interrupt operation is not affected and
operates the same way in either auto-RTS or nonauto-RTS mode. When enabled, a receive-data-
available interrupt occurs after the trigger level is reached. The MCR RTS bit must then be set by the host CPU
after the receiver FIFO has been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com