Electronic Components Datasheet Search
  English  ▼

X  

TL16PC564BPZ Datasheet(PDF) 16 Page - Texas Instruments

Part # TL16PC564BPZ
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PC564BPZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL16PC564BPZ Datasheet HTML 12Page - Texas Instruments TL16PC564BPZ Datasheet HTML 13Page - Texas Instruments TL16PC564BPZ Datasheet HTML 14Page - Texas Instruments TL16PC564BPZ Datasheet HTML 15Page - Texas Instruments TL16PC564BPZ Datasheet HTML 16Page - Texas Instruments TL16PC564BPZ Datasheet HTML 17Page - Texas Instruments TL16PC564BPZ Datasheet HTML 18Page - Texas Instruments TL16PC564BPZ Datasheet HTML 19Page - Texas Instruments TL16PC564BPZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TL16PC564B, TL16PC564BLV
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS225A – MARCH 1996 – REVISED FEBRUARY 1998
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
host CPU I/O write-cycle timing requirements over recommended ranges of operating free-air
temperature and supply voltage (see Figure 3)
MIN
MAX
UNIT
tsu4
Setup time, HD(7 – 0) valid before IOWR
↓
60
ns
th5
Hold time, HA(9 – 0) valid after IOWR
↑
20
ns
tw6
Pulse duration, IOWR low
165
ns
tsu5
Setup time, HA(9 – 0) valid before IOWR
↓
70
ns
th6
Hold time, REG
↑ after IOWR↑
0
ns
tsu6
Setup time, CEx
↓ before IOWR↓
5
ns
th7
Hold time, CEx
↑ after IOWR↑
20
ns
tsu7
Setup time, REG
↓ before IOWR↓
5
ns
th8
Hold time, HD(7 – 0) valid after IOWR
↑
30
ns
transmitter switching characteristics over recommended ranges of operating free-air temperature
and supply voltage (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td9
Delay time, SOUT
↓ after IOWR↑
8
24
Baud
cycles
td10
Delay time, IREQ
↓ after SOUT↓
8
8
Baud
cycles
td11
Delay time, IREQ
↓ after IOWR↑
16
32
Baud
cycles
td12
Delay time, IREQ
↑ after IOWR↑
CL = 100 pF
140
ns
td13
Delay time, IREQ
↑ after IORD↑
CL = 100 pF
140
ns
receiver switching characteristics over recommended ranges of operating free-air temperature
and supply voltage (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td14
Delay time, sample CLK
↑ after RCLK↑
100
ns
td15
Delay time, IREQ
↓ after SIN↓
1
RCLK
cycles
td16
Delay time, IREQ
↑ after IORD↑
CL = 100 pF
150
ns
modem-control switching characteristics over recommended ranges of operating free-air
temperature and supply voltage, CL = 100 pF (see Figure 6)
PARAMETER
MIN
MAX
UNIT
td17
Delay time, RTS, DTR, OUT1, OUT2
↓ or ↑ after IOWR↑
50
ns
td18
Delay time, IREQ
↓ after CTS, DSR, DCD↓
30
ns
td19
Delay time, IREQ
↑ after IORD↑
35
ns
td20
Delay time, IREQ
↓ after RI↑
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com