Electronic Components Datasheet Search
  English  ▼

X  

TL16PC564BPZ Datasheet(PDF) 17 Page - Texas Instruments

Part # TL16PC564BPZ
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PC564BPZ Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL16PC564BPZ Datasheet HTML 13Page - Texas Instruments TL16PC564BPZ Datasheet HTML 14Page - Texas Instruments TL16PC564BPZ Datasheet HTML 15Page - Texas Instruments TL16PC564BPZ Datasheet HTML 16Page - Texas Instruments TL16PC564BPZ Datasheet HTML 17Page - Texas Instruments TL16PC564BPZ Datasheet HTML 18Page - Texas Instruments TL16PC564BPZ Datasheet HTML 19Page - Texas Instruments TL16PC564BPZ Datasheet HTML 20Page - Texas Instruments TL16PC564BPZ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
TL16PC564B, TL16PC564BLV
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS225A – MARCH 1996 – REVISED FEBRUARY 1998
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
host CPU attribute-memory write-cycle timing requirements over recommended ranges of
operating free-air temperature and supply voltage (see Figures 7 and 8)
MIN
MAX
UNIT
tc2
Write cycle tIme, HA(9 – 0)
250
ns
tw8
Pulse duration, WE low
150
ns
tsu8
Setup time, CEx
↓ before WE↑
180
ns
tsu9
Setup time, HA(9 – 0) before WE
↑ (see Note 12)
180
ns
tsu10
Setup time, HA(9 – 0) before WE
↓ and CEx↓(see Note 13)
30
ns
tsu11
Setup time, OE
↑ before WE↓
10
ns
th9
Hold time, HD(7 – 0) after WE
↑
30
ns
trec1
Recovery time, HA(9 – 0) after WE
↑
30
ns
tsu12
Setup time, HD(7 – 0) before WE
↑
80
ns
th10
Hold time, OE
↓ after WE↑
10
ns
tsu13
Setup time, CEx
↓ before WE↓
0
ns
th11
Hold time, CEx
↑ after WE↑
20
ns
NOTE 13: The REG signal timing is identical to address signal timing.
host CPU attribute-memory write-cycle switching characteristics over recommended ranges of
operating free-air temperature and supply voltage (see Figure 7)
PARAMETER
MIN
MAX
UNIT
tdis1
Disable time, HD(7 – 0) after WE
↓
100
ns
tdis2
Disable time, HD(7 – 0) after OE
↑
100
ns
ten1
Enable time, HD(7 – 0) after WE
↑
5
ns
ten2
Enable time, HD(7 – 0) after OE
↓
5
ns
host CPU attribute-memory read-cycle timing requirements over recommended ranges of
operating free-air temperature and supply voltage (see Figure 9)
MIN
MAX
UNIT
tc3
Read cycle time
300
ns
td22
Delay time, HD(7 – 0) after HA(9 – 0)
300
ns
td23
Delay time, HD(7 – 0) after CEx
↓
300
ns
td24
Delay time, HD(7 – 0) after OE
↓
150
ns
th12
Hold time, HD(7 – 0) after HA(9 – 0)
0
ns
tsu14
Setup time, CEx
↓ before OE↓
0
ns
th13
Hold time, HA(9 – 0) after OE
↑
20
ns
tsu15
Setup time, HA(9 – 0) before OE
↓
30
ns
th14
Hold time, CEx
↑ after OE↑
20
ns
host CPU attribute-memory read-cycle switching characteristics over recommended ranges of
operating free-air temperature and supply voltage (see Figure 9)
PARAMETER
MIN
MAX
UNIT
tdis3
Disable time, HD(7 – 0) after CEx
↑
100
ns
tdis4
Disable time, HD(7 – 0) after OE
↑
100
ns
ten3
Enable time, HD(7 – 0) after CEx
↓
5
ns
ten4
Enable time, HD(7 – 0) after OE
↓
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com