Electronic Components Datasheet Search
  English  ▼

X  

TFB4014 Datasheet(PDF) 2 Page - Gunter Seniconductor GmbH.

Part # TFB4014
Description  ISDN Power Feeder with 3.3V Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TFB4014 Datasheet(HTML) 2 Page - Gunter Seniconductor GmbH.

  TFB4014 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 6Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Technical Data
MEGAXESS
TFB4014T
Edition 09/00
ISDN Power Feeder with 3.3V Logic
Short Description
The integrated circuit TFB4014T with 3.3V
logic interface is designed for feeding two
and four wire ISDN transmission lines. The
TFB4014T feeds transmission lines up to
150mA per each output. The integrated
circuit is fabricated in 60V MIX technology
(BCD-MOS). DMOS power transistors with
current
limitation,
overtemperature
and
short current protection are used for driving
the lines.
Features
• Power supply for up to four
transmission lines
• Overload protection for each output
• Separate control for each output
• Maximum programmable output
current limit 150mA per line
• 3.3V logic interface
• Status detection for each line output
• SOP 28
Block Diagram
L1
L2
L3
L4
S1
S2
Overload
S3
S4
S1
S2
Control
C1
C2
C3
C4
CS
Logic
Protection
S3
S4
Thermal
Protection
Reset
CPRG
VBATT
VCC
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com