Electronic Components Datasheet Search
  English  ▼

X  

TFB4014 Datasheet(PDF) 3 Page - Gunter Seniconductor GmbH.

Part # TFB4014
Description  ISDN Power Feeder with 3.3V Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TFB4014 Datasheet(HTML) 3 Page - Gunter Seniconductor GmbH.

  TFB4014 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 6Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
09/99
2
TFB4014T
Pinning
Pin
Symbol
Function
1
VCC
Positive supply voltage
2
CPGR
Current limit, programmable by external resistor
3
C2
Control input switch 2, pull down
4
S2
Output status detection switch 2, pull up
5
L2
Feeding output switch 2
6
VBATT
Negative supply voltage
7
VBATT
Negative supply voltage
8
VBATT
Negative supply voltage
9
VBATT
Negative supply voltage
10
L3
Feeding output switch 3
11
S3
Output status detection switch 3, pull up
12
C3
Control input switch 3, pull down
13
n.c.
-
14
CS
Input chip select, pull up
15
RST
Reset input, pull up
16
n.c.
-
17
C4
Control input switch 4, pull down
18
S4
Output status detection switch 4, pull up
19
L4
Feeding output switch 4
20
VBATT
Negative supply voltage
21
VBATT
Negative supply voltage
22
VBATT
Negative supply voltage
23
VBATT
Negative supply voltage
24
L1
Feeding output switch 1
25
S1
Output status detection switch 1, pull up
26
C1
Control input switch 1, pull down
27
TP
Test pin, don’t connect
28
GND
Ground
Functional Description
The TFB4014T is designed to feed the S0 and Up0 lines in digital exchanges. The IC includes
four feeding output stages. Each output is able to deliver a nominal output current in the
range from 50mA to 150mA. The output current limit is programmable by an external resistor
connected to ground. The resistor value is calculated by:
RCPRG = ( 2 * 1.25V / IOmax ) * 1000
The current limitation response time is about 100 millisecond. This delay avoids a failure de-
tection caused by current peaks when the line outputs turn-on. All outputs are protected
against overload and overtemperature.
The TFB4014T also contains a parallel logic interface to control each output stage sepa-
rately. The status outputs are open collector outputs with internal 15k
Ω pull-up resistors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com