Electronic Components Datasheet Search
  English  ▼

X  

TFB4014 Datasheet(PDF) 5 Page - Gunter Seniconductor GmbH.

Part # TFB4014
Description  ISDN Power Feeder with 3.3V Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

TFB4014 Datasheet(HTML) 5 Page - Gunter Seniconductor GmbH.

  TFB4014 Datasheet HTML 1Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 2Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 3Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 4Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 5Page - Gunter Seniconductor GmbH. TFB4014 Datasheet HTML 6Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
09/99
4
TFB4014T
Absolute Maximum Ratings
Absolute maximum ratings are limiting values, which can cause damage of the device with
exceeding only one parameter. Absolute maximum values are valid for the operational
temperature range.
Parameter
Symbol
Min.
Max.
Unit
Positive Supply Voltage
VCC
-0.3
4.3
V
Negative Supply Voltage
VBATT
-64
+0.3
V
Input Voltage (Cn, CS, RST)
VI
-0.5
VCC + 0.5
V
Output Voltage (Sn)
VO
-0.5
4.05
V
Output Current (Sn)
IO
15
mA
Junction Temperature
Tj
+155
°C
Storage Temperature
TSTG
-40
+125
°C
Ambient Temperature
TA
-15
+85
°C
Thermal Resistance junction-ambient
Rthja
65
K/W
Power Dissipation
Ptot
1
W
ESD Voltage (1.5k, 100pF)
Pin 3, 12, 17, 26
Pin 14, 15
other pins
VESD
-2000
-2000
-2000
+200
+1500
+2000
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Negative Supply Voltage
VBATT
-53
-36
V
Positive Supply Voltage
VCC
3.0
3.6
V
Input LOW Voltage (Cn, CS, RST)
VIL
0
0.8
V
Input HIGH Voltage (Cn, CS, RST)
VIH
2.0
VCC
V
Operating Temperature
TA
0
+70
°C
Electrical Characteristics
VBATT = -53V, VCC = 3.6V, RCPGR = 16k
Ω, T
A = 0°C to +70°C, if not otherwise specified
Parameter
Symbol
Min.
Max.
Unit
Positive Supply Current
all outputs Ln ON, ILn= 100mA
ICC
7
mA
Negative Supply Current
all outputs Ln OFF, VBATT = -64V
IBATT
-2.5
mA
Input HIGH Voltage (Cn, CS, RST)
VIH
2.0
V
Input LOW Voltage (Cn, CS, RST)
VIL
0.8
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com