Electronic Components Datasheet Search
  English  ▼

X  

BC450 Datasheet(PDF) 4 Page - Motorola, Inc

Part # BC450
Description  High Voltage Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC450 Datasheet(HTML) 4 Page - Motorola, Inc

  BC450 Datasheet HTML 1Page - Motorola, Inc BC450 Datasheet HTML 2Page - Motorola, Inc BC450 Datasheet HTML 3Page - Motorola, Inc BC450 Datasheet HTML 4Page - Motorola, Inc BC450 Datasheet HTML 5Page - Motorola, Inc BC450 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC450,A
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
VCE, COLLECTOR–EMITTER VOLTAGE (V)
–1K
–1.0
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
CURRENT LIMIT
DUTY CYCLE
≤ 10%
BC450
–500
–200
–100
–50
–20
–10
–2.0
–5.0
–10
–20
–50
–80
Figure 6. Active Region — Safe Operating Area
IC, COLLECTOR CURRENT (mA)
Figure 7. “On” Voltages
1.0
0.8
0.6
0.4
0.2
0
0.2
200
20
TJ = 25°C
VBE @ VCE = 5.0 V
VCE(sat) @ IC/IB = 10
0.5
1.0
5.0
10
50
100
VBE(sat) @ IC/IB = 10
IB, BASE CURRENT (mA)
Figure 8. Collector Saturation Region
2.0
1.6
1.2
0.8
0.4
0
0.1
10
1.0
TJ = 25°C
IC =
10 mA
0.02
0.05
0.2
0.5
2.0
5.0
20
20 mA
100 mA
200 mA
50 mA
IC, COLLECTOR CURRENT (mA)
Figure 9. Base–Emitter Temperature Coefficient
–1.0
–3.0
1.0
100
10
R
θVB for VBE
0.2
0.5
2.0
5.0
20
50
200
–1.4
–1.8
–2.2
–2.6
–55
°C to 125°C
2.0
Figure 10. DC Current Gain
IC, COLLECTOR CURRENT (mA)
300
–0.2
–0.3
–0.5
–0.7
–1.0
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–70
–100
–200
200
100
70
50
30
TJ = 125°C
25
°C
–55
°C
VCE = –5.0 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com