Electronic Components Datasheet Search
  English  ▼

X  

BC450 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC450
Description  High Voltage Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC450 Datasheet(HTML) 1 Page - Motorola, Inc

  BC450 Datasheet HTML 1Page - Motorola, Inc BC450 Datasheet HTML 2Page - Motorola, Inc BC450 Datasheet HTML 3Page - Motorola, Inc BC450 Datasheet HTML 4Page - Motorola, Inc BC450 Datasheet HTML 5Page - Motorola, Inc BC450 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
High Voltage Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
–100
Vdc
Collector – Base Voltage
VCBO
–100
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–300
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = –1.0 mAdc, IB = 0)
V(BR)CEO
–100
—
—
Vdc
Collector – Base Breakdown Voltage
(IC = –100 mA, IE = 0)
V(BR)CBO
–100
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
—
—
Vdc
Collector Cutoff Current
(VCB = –80 Vdc, IE = 0)
ICBO
—
—
–100
nAdc
ON CHARACTERISTICS*
DC Current Gain
(IC = –2.0 mA, VCE = –5.0 V)
BC450
BC450A
(IC = –10 mA, VCE = –5.0 V)
BC450
BC450A
(IC = –100 mA, VCE = –5.0 V)
BC450
BC450A
hFE
50
120
50
100
50
60
—
—
—
—
—
—
460
220
—
—
—
—
—
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle 2.0%.
Order this document
by BC450/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC450,A
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - BC450

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC450 MICRO-ELECTRONICS-BC450 Datasheet
45Kb / 1P
PNP SILICON TRANSISTOR
logo
Continental Device Indi...
BC450 CDIL-BC450 Datasheet
60Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
New Jersey Semi-Conduct...
BC450 NJSEMI-BC450 Datasheet
90Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
BC450A CDIL-BC450A Datasheet
60Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
New Jersey Semi-Conduct...
BC450A NJSEMI-BC450A Datasheet
90Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC450

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
High Voltage Transistors
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
High Voltage Transistors
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
High Voltage Transistors
MMBTA92 KEXIN-MMBTA92 Datasheet
42Kb / 2P
High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
High Voltage Transistors
September, 2010 -- Rev. 7
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
High Voltage Transistors
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com