Electronic Components Datasheet Search
  English  ▼

X  

BC450 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BC450
Description  High Voltage Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC450 Datasheet(HTML) 3 Page - Motorola, Inc

  BC450 Datasheet HTML 1Page - Motorola, Inc BC450 Datasheet HTML 2Page - Motorola, Inc BC450 Datasheet HTML 3Page - Motorola, Inc BC450 Datasheet HTML 4Page - Motorola, Inc BC450 Datasheet HTML 5Page - Motorola, Inc BC450 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC450,A
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 2. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–100
–70
–50
–30
–20
–10
–7.0
–5.0
–3.0
–2.0
–1.0
300
200
100
70
50
30
TJ = 25°C
VCE = –1.0 V
–5.0 V
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
–100
–50
–20
–10
–5.0
–2.0
–1.0
–0.5
–0.2
–0.1
40
20
10
8.0
6.0
2.0
TJ = 25°C
Cobo
Cibo
4.0
Figure 4. Switching Times
IC, COLLECTOR CURRENT (mA)
–200
–100
–70
–50
–30
–20
–10
1000
VCC = –40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
700
500
300
200
100
70
50
30
20
10
ts
tf
tr
td @ VBE(off) = –0.5 V
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
10
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
20 k
50 k
100 k
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN–469)
TJ(pk) – TC = P(pk) Z
θJC(t)
TJ(pk) – TA = P(pk) Z
θJA(t)
t1
t2
P(pk)
Z
θJC(t) = r(t) • RθJC
Z
θJA(t) = r(t) • RθJA
SINGLE PULSE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com