Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC01 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC01
Description  Single-Supply Analog Interface Circuit
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC01 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLC320AC01 Datasheet HTML 48Page - Texas Instruments TLC320AC01 Datasheet HTML 49Page - Texas Instruments TLC320AC01 Datasheet HTML 50Page - Texas Instruments TLC320AC01 Datasheet HTML 51Page - Texas Instruments TLC320AC01 Datasheet HTML 52Page - Texas Instruments TLC320AC01 Datasheet HTML 53Page - Texas Instruments TLC320AC01 Datasheet HTML 54Page - Texas Instruments TLC320AC01 Datasheet HTML 55Page - Texas Instruments TLC320AC01 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 90 page
background image
4–4
0.8 V
2 V
SCLK
0.4 V
DOUT
2.4 V
0.4 V
2.4 V
Hi-Z
td(CH-DOUT)
Figure 4 – 7. DOUT Enable Timing From Hi-Z
0.8 V
2 V
0.8 V
SCLK
td(CH-DOUTZ)
Hi-Z
DOUT
Figure 4 – 8. DOUT Delay Timing to Hi-Z
2 V
2.4 V
MCLK
tr(EH)
EOC
td(ML-EH)
Internal ADC
Conversion Time
tf(EL)
td(ML-EL)
0.8 V
0.4 V
0.4 V
2.4 V
2 V
0.8 V
Figure 4 – 9. EOC Frame Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com